Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6494BEMX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC6494BEMX
Description  LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6494BEMX Datasheet(HTML) 3 Page - Texas Instruments

  LMC6494BEMX Datasheet HTML 1Page - Texas Instruments LMC6494BEMX Datasheet HTML 2Page - Texas Instruments LMC6494BEMX Datasheet HTML 3Page - Texas Instruments LMC6494BEMX Datasheet HTML 4Page - Texas Instruments LMC6494BEMX Datasheet HTML 5Page - Texas Instruments LMC6494BEMX Datasheet HTML 6Page - Texas Instruments LMC6494BEMX Datasheet HTML 7Page - Texas Instruments LMC6494BEMX Datasheet HTML 8Page - Texas Instruments LMC6494BEMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMC6492, LMC6494
www.ti.com
SNOS724D – AUGUST 2000 – REVISED MARCH 2013
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes
LMC6492AE
LMC6492BE
Symbol
Parameter
Conditions
Typ(1)
LMC6494AE
LMC6494BE
Units
Limit(2)
Limit(2)
CIN
Common-Mode
3
pF
Input Capacitance
CMRR
Common-Mode
0V
≤ VCM ≤ 15V
82
65
63
dB
min
Rejection Ratio
V+ = 15V
60
58
0V
≤ VCM ≤ 5V
82
65
63
60
58
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V,
82
65
63
dB
Rejection Ratio
VO = 2.5V
60
58
min
−PSRR
Negative Power Supply
0V
≤ V≤ −10V,
82
65
63
dB
Rejection Ratio
VO = 2.5V
60
58
min
VCM
Input Common-Mode
V+ = 5V and 15V
V
−0.3
−0.25
−0.25
V
Voltage Range
For CMRR
≥ 50 dB
0
0
max
V+ + 0.3
V+ + 0.25
V+ + 0.25
V
V+
V+
min
AV
Large Signal Voltage Gain
RL = 2 kΩ:
(4)
Sourcing
300
V/mV
Sinking
40
min
VO
Output Swing
V+ = 5V
4.9
4.8
4.8
V
RL = 2 kΩ to V
+/2
4.7
4.7
min
0.1
0.18
0.18
V
0.24
0.24
max
V+ = 5V
4.7
4.5
4.5
V
RL = 600Ω to V
+/2
4.24
4.24
min
0.3
0.5
0.5
V
0.65
0.65
max
V+ = 15V
14.7
14.4
14.4
V
RL = 2 kΩ to V
+/2
14.0
14.0
min
0.16
0.35
0.35
V
0.5
0.5
max
V+ = 15V
14.1
13.4
13.4
V
RL = 600Ω to V
+/2
13.0
13.0
min
0.5
1.0
1.0
V
1.5
1.5
max
ISC
Output Short Circuit Current
Sourcing, VO = 0V
25
16
16
10
10
V+ = 5V
Sinking, VO = 5V
22
11
11
8
8
mA
min
ISC
Output Short Circuit Current
Sourcing, VO = 0V
30
28
28
20
20
V+ = 15V
Sinking, VO = 5V
(5)
30
30
30
22
22
(4)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 3.5V ≤ VO ≤ 7.5V.
(5)
Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6492 LMC6494


Similar Part No. - LMC6494BEMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6494BEMX NSC-LMC6494BEMX Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6494BEMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6484AIMX TI-LMC6484AIMX Datasheet
969Kb / 24P
[Old version datasheet]   LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com