Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49726 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LME49726
Description  High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49726 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LME49726 Datasheet HTML 7Page - Texas Instruments LME49726 Datasheet HTML 8Page - Texas Instruments LME49726 Datasheet HTML 9Page - Texas Instruments LME49726 Datasheet HTML 10Page - Texas Instruments LME49726 Datasheet HTML 11Page - Texas Instruments LME49726 Datasheet HTML 12Page - Texas Instruments LME49726 Datasheet HTML 13Page - Texas Instruments LME49726 Datasheet HTML 14Page - Texas Instruments LME49726 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
-
+
R
1/2 LME49726
V0
V2
V1
R
R
R
LME49726
www.ti.com
SNAS432C – NOVEMBER 2008 – REVISED APRIL 2013
Typical Applications
AV = 34.5
F = 1 kHz
En = 0.38 μV
A Weighted
Figure 33. NAB Preamp
AV = 34.5
F = 1 kHz
En = 0.38 μV
A Weighted
Figure 34. NAB Preamp Voltage Gain vs Frequency
VO = V1–V2
Figure 35. Balanced to Single Ended Converter
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LME49726


Similar Part No. - LME49726

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
LME49726MY NSC-LME49726MY Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
LME49726MYX NSC-LME49726MYX Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
More results

Similar Description - LME49726

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
   High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Nisshinbo Micro Devices...
NJM8830 NISSHINBO-NJM8830 Datasheet
921Kb / 19P
   Ultralow Distortion, Ultralow Noise, Rail-to-Rail Output Dual Audio Operational Amplifier
May 20, 2022 Ver.1.0
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com