Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49740 Datasheet(PDF) 11 Page - Texas Instruments

Part # LME49740
Description  LME49740 Quad High-Performance, High-Fidelity Audio Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49740 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LME49740 Datasheet HTML 7Page - Texas Instruments LME49740 Datasheet HTML 8Page - Texas Instruments LME49740 Datasheet HTML 9Page - Texas Instruments LME49740 Datasheet HTML 10Page - Texas Instruments LME49740 Datasheet HTML 11Page - Texas Instruments LME49740 Datasheet HTML 12Page - Texas Instruments LME49740 Datasheet HTML 13Page - Texas Instruments LME49740 Datasheet HTML 14Page - Texas Instruments LME49740 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
20
30
40
50
60
70
80
90
-1
0
+1
0
10
20
30
40
50
20
100
1k
10k 20k
FREQUENCY (Hz)
-VEE
+VCC
0.47 PF
LME49740
V1
99k
0.47 PF
27 pF
16k
200k
15 nF
4.7 nF
+
+
V2
+
-
+
-
+
-
4.7 PF
+
VO
99k
27 pF
FLAT AMP. 40 dB + 40 dB
RIAA PREAMP
35 dB, f = 1 kHz
47 PF
47 PF
390
390
1k
39k
39k
1k
AVERAGE RESPONDING
AC VOLT METER
LME49740
www.ti.com
SNAS377B – FEBRUARY 2007 – REVISED APRIL 2013
NOISE MEASUREMENT CIRCUIT
A.
Complete shielding is required to prevent induced pick up from external sources. Always check with oscilloscope for
power line noise.
Figure 24. Total Gain: 115 dB at f = 1 kHz
Input Referred Noise Voltage: en = VO/560,000 (V)
RIAA Preamp Voltage Gain,
RIAA Deviation vs Frequency
Flat Amp Voltage Gain vs Frequency
VIN = 10mV, AV = 35.0dB, f = 1kHz
VO = 0dB, AV = 80.0dB, f = 1kHz
Figure 25.
Figure 26.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LME49740


Similar Part No. - LME49740

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49740 TI1-LME49740 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LME49740

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
LME49743 TI1-LME49743 Datasheet
1Mb / 25P
[Old version datasheet]   LME49743 Quad High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com