Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49810 Datasheet(PDF) 8 Page - Texas Instruments

Part # LME49810
Description  LME49810 200V Audio Power Amplifier Driver with Baker Clamp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49810 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LME49810 Datasheet HTML 4Page - Texas Instruments LME49810 Datasheet HTML 5Page - Texas Instruments LME49810 Datasheet HTML 6Page - Texas Instruments LME49810 Datasheet HTML 7Page - Texas Instruments LME49810 Datasheet HTML 8Page - Texas Instruments LME49810 Datasheet HTML 9Page - Texas Instruments LME49810 Datasheet HTML 10Page - Texas Instruments LME49810 Datasheet HTML 11Page - Texas Instruments LME49810 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
20
1k
10k
100k
-130
-120
-100
-90
-80
-70
-60
FREQUENCY (Hz)
100
-110
20
100
-3
-2
0
1
3
FREQUENCY (Hz)
200k
1k
-1
2
10k
20
100
-3
-2
0
1
3
FREQUENCY (Hz)
200k
1k
-1
2
10k
100m
1
10
0.0001
0.001
0.1
1
10
OUTPUT VOLTAGE (Vrms)
20
0.01
2
BW=80 kHz
BW=30 kHz
100m
1
10
0.0001
0.001
0.1
1
10
OUTPUT VOLTAGE (Vrms)
20
0.01
2
BW=80 kHz
BW=30 kHz
100m
1
10
0.0001
0.001
0.1
1
10
OUTPUT VOLTAGE (Vrms)
20
0.01
2
BW=80 kHz
BW=30 kHz
LME49810
SNAS391C – MAY 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Data taken with Bandwidth = 30kHz, AV = 29dB, CC = 10pF, and TA = 25°C except where specified.
THD+N vs Output Voltage
THD+N vs Output Voltage
+VCC = –VEE = 20V, f = 20Hz
+VCC = –VEE = 20V, f = 1kHz
Figure 17.
Figure 18.
THD+N vs Output Voltage
Closed Loop Frequency Response
+VCC = –VEE = 20V, f = 20kHz
+VCC = –VEE = 50V, VIN = 1VRMS
Figure 19.
Figure 20.
PSRR vs Frequency
Closed Loop Frequency Response
+VCC = –VEE = 100V,
+VCC = –VEE = 100V, VIN = 1VRMS
No Filters, Input referred, VRIPPLE = 1VRMS on VCC pin
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LME49810


Similar Part No. - LME49810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49810 NSC-LME49810 Datasheet
867Kb / 22P
   200V Audio Power Amplifier Driver with Baker Clamp
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
More results

Similar Description - LME49810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
logo
National Semiconductor ...
LME49810 NSC-LME49810 Datasheet
867Kb / 22P
   200V Audio Power Amplifier Driver with Baker Clamp
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
National Semiconductor ...
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com