Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0026 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0026
Description  SD SDI Reclocker with Dual Differential Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0026 Datasheet(HTML) 5 Page - Texas Instruments

  LMH0026 Datasheet HTML 1Page - Texas Instruments LMH0026 Datasheet HTML 2Page - Texas Instruments LMH0026 Datasheet HTML 3Page - Texas Instruments LMH0026 Datasheet HTML 4Page - Texas Instruments LMH0026 Datasheet HTML 5Page - Texas Instruments LMH0026 Datasheet HTML 6Page - Texas Instruments LMH0026 Datasheet HTML 7Page - Texas Instruments LMH0026 Datasheet HTML 8Page - Texas Instruments LMH0026 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LMH0026
www.ti.com
SNLS253B – MARCH 2008 – REVISED APRIL 2013
DC ELECTRICAL CHARACTERISTICS (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VSDOD
Serial Output Voltage,
100
Ω differential load
SDO, SCO
720
800
880
mVP-P
Differential
VCMO
Output Common Mode
100
Ω differential load
VCC
V
Voltage
VSDOD
ICC
Power Supply Current,
270 Mbps
100
mA
3.3V supply, Total
AC ELECTRICAL CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRSD
Serial Data Rate
SMPTE 259M-C
SDI, SDO
270
Mbps
TOLJIT
Serial Input Jitter
270 Mbps,
SDI
>6
UIP-P
Tolerance
(2) (3) (4)
TOLJIT
Serial Input Jitter
270 Mbps, (2) (3) (5)
>0.6
UIP-P
Tolerance
tJIT
Serial Data Output Jitter
270 Mbps, (3) (6)
SDO
0.02
0.08
UIP-P
BWLOOP
Loop Bandwidth
270 Mbps,
300
kHz
<0.1dB Peaking
FCO
Serial Clock Output
270 Mbps data rate
SCO
270
MHz
Frequency
tJIT
Serial Clock Output Jitter
2
3
psRMS
Serial Clock Output
SDO, SCO
Alignment with respect to
40
60
%
Data Interval
Serial Clock Output Duty
SCO
45
55
%
Cycle
TACQ
Acquisition Time
(7) (8)15
ms
tr, tf
Input rise/fall time
10%–90%
Logic inputs
1.5
3
ns
tr, tf
Input rise/fall time
20%–80%
SDI
1500
ps
tr, tf
Output rise/fall time
10%–90%
Logic outputs
1.5
3
ns
tr, tf
Output rise/fall time
20%–80%, (9)
SDO, SCO
90
130
ps
FREF
Reference Clock
27
MHz
Frequency
FTOL
Reference Clock
±50
ppm
Frequency Tolerance
(1)
Typical values are stated for: VCC = +3.3V, TA = +25°C.
(2)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(3)
This parameter is ensured by characterization over voltage and temperature limits.
(4)
Refer to “A1” in Figure 1 of SMPTE RP 184-1996.
(5)
Refer to “A2” in Figure 1 of SMPTE RP 184-1996.
(6)
Serial Data Output Jitter is total output jitter with 0.2 UIP-P input jitter.
(7)
Specification is ensured by design.
(8)
Measured from first SDI transition until Lock Detect (LD) output goes high (true).
(9)
RL = 100Ω differential.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0026


Similar Part No. - LMH0026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
LMH0026MH NSC-LMH0026MH Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
More results

Similar Description - LMH0026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com