Electronic Components Datasheet Search |
|
LMH0041 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LMH0041 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 33 page CDR Control MUX SMPTE Cable Driver LVDS Drivers CLK Data LOCK RESET RXCLK RX4 RX3 RX2 RX1 RX0 SCK SDA SMBus RXIN0 RXIN1 RX_MUX_SEL TXOUT SMB_CS GPIO[2:0] DVB_ASI Loopthru_EN LMH0041, LMH0051 LMH0071, LMH0341 www.ti.com SNLS272Q – APRIL 2007 – REVISED APRIL 2013 3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface Check for Samples: LMH0041, LMH0051, LMH0071, LMH0341 1 FEATURES DESCRIPTION The LMH0341/0041/0071/0051 SDI Deserializers are 23 • 5-Bit LVDS Interface part of TI’s family of FPGA-Attach SER/DES products • No External VCO or Clock Required supporting 5-bit LVDS interfaces with FPGAs. When • Reclocked Serial Loopthrough With Cable paired with a host FPGA the LMH0341 automatically Driver detects the incoming data rate and decodes the raw 5-bit data words compliant to any of the following • Powerdown Mode standards: DVB-ASI, SMPTE 259M, SMPTE 292M, • 3.3V SMBus Configuration Interface or SMPTE 424M. See Table 1 for details on which • Small 48-Pin WQFN Package Standards are supported per device. • Industrial Temperature range: -40°C to +85°C The interface between the LMH0341 and the host FPGA consists of a 5-bit wide LVDS bus, an LVDS APPLICATIONS clock and an SMBus interface. No external VCOs or clocks are required. The LMH0341 CDR detects the • SDI Interfaces for: frequency from the incoming data stream, generates – Video Cameras a clean clock and transmits both clock and data to – DVRs the host FPGA. The LMH0341, LMH0041 and LMH0071 include a serial reclocked loopthrough with – Video Switchers integrated SMPTE compliant cable driver. Refer to – Video Editing Systems Table 1 for a complete listing of single channel deserializers offered in this family. KEY SPECIFICATIONS The FPGA-Attach SER/DES product family is • Output compliant with SMPTE 259M-C, SMPTE supported by a suite of IP which allows the design 292M, SMPTE 424M and DVB-ASI (See Table 1) engineer to quickly develop video applications using the SER/DES products. The product is packaged in a • Typical power dissipation: 590 mW physically small 48 pin WQFN package. (loopthrough disabled, 3G datarate) • 0.6 UI Minimum Input Jitter Tolerance General Block Diagram 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 TRI-STATE is a registered trademark of National Semiconductor Corporation. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2007–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - LMH0041 |
|
Similar Description - LMH0041 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |