Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0395 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0395
Description  3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0395 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0395 Datasheet HTML 3Page - Texas Instruments LMH0395 Datasheet HTML 4Page - Texas Instruments LMH0395 Datasheet HTML 5Page - Texas Instruments LMH0395 Datasheet HTML 6Page - Texas Instruments LMH0395 Datasheet HTML 7Page - Texas Instruments LMH0395 Datasheet HTML 8Page - Texas Instruments LMH0395 Datasheet HTML 9Page - Texas Instruments LMH0395 Datasheet HTML 10Page - Texas Instruments LMH0395 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LMH0395
www.ti.com
SNLS323M – AUGUST 2010 – REVISED JULY 2015
DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted).
(1)(2)(3)(4)(5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSSP-P
Differential output voltage, P-P
500
700
900
mVP-P
VOD
Differential output voltage
250
350
450
mV
Change in magnitude of VOD for
SDO0, SDO0, SDO1, SDO1 (100-
ΔVOD
50
mV
complementary output states
load), default register settings (4) ,
Figure 1
VOS
Offset voltage
1.1
1.2
1.35
V
Change in magnitude of VOS for
ΔVOS
50
mV
complementary output states
IOS
Output short circuit current
30
mA
MUTEREF MUTEREF DC voltage (floating)
1.3
V
MUTERN
MUTEREF range
0.8
V
G
VOH
Output voltage high level
CD, MISO, IOH = –2 mA
2
V
VOL
Output voltage low level
CD, MISO, IOL = +2 mA
0.2
V
Normal operation, dual outputs(5)
55
78
mA
ICC
Supply current
Normal operation, single output(5)
45
65
mA
Power-save mode
7
10
mA
6.6 AC Electrical Characteristics
over supply voltage and operating temperature ranges, unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BRMIN
Minimum input data rate (SDI, SDI)
125
Mbps
Maximum input data rate (SDI,
BRMAX
2970
Mbps
SDI)
2.97 Gbps, Belden 1694A,
0.2
UI
0-100 meters(2)(3)
2.97 Gbps, Belden 1694A, 100-
0.3
UI
140 meters(2)(3)
2.97 Gbps, Belden 1694A, 140-
0.5
UI
180 meters(2)(3)
2.97 Gbps, Belden 1694A, 180-
TJRAW
Jitter for various cable lengths
0.55
UI
200 meters
1.485 Gbps, Belden 1694A, 0-
0.2
UI
200 meters(2)(3)
1.485 Gbps, Belden 1694A, 200-
0.3
UI
220 meters
270 Mbps, Belden 1694A,
0.3
UI
0-400 meters(2)(3)
Output rise time, fall time (SDO0,
20% – 80%, 100-
Ω load,
tr, tf
90
130
ps
SDO0, SDO1, SDO1)
Figure 1(4)
Mismatch in rise/fall time (SDO0,
ΔTR-F
2
15
ps
SDO0, SDO1, SDO1)
SDO0, SDO0, SDO1,
SDO1See(4)
Output overshoot (SDO0, SDO0,
tOS
1%
5%
SDO1, SDO1)
(1)
Typical values are stated for VCC = +2.5 V and TA = +25°C.
(2)
Based on design and characterization data over the full range of recommended operating conditions of the device. Jitter is measured in
accordance with ST RP 184, ST RP 192, and the applicable serial data transmission standard: ST 424, ST 292, or ST 259.
(3)
Due to SMPTE naming convention, all SMPTE Engineering Documents will be numbered as a two-letter prefix and a number.
Documents and references with the same root number and year are functionally identical; for example ST 424-2006 and SMPTE 424M-
2006 refer to the same document.
(4)
Specification is ensured by characterization.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0395


Similar Part No. - LMH0395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395QX TI1-LMH0395QX Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQ TI1-LMH0395SQ Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395SQE TI1-LMH0395SQE Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results

Similar Description - LMH0395

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com