Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2121 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH2121
Description  3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2121 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH2121 Datasheet HTML 5Page - Texas Instruments LMH2121 Datasheet HTML 6Page - Texas Instruments LMH2121 Datasheet HTML 7Page - Texas Instruments LMH2121 Datasheet HTML 8Page - Texas Instruments LMH2121 Datasheet HTML 9Page - Texas Instruments LMH2121 Datasheet HTML 10Page - Texas Instruments LMH2121 Datasheet HTML 11Page - Texas Instruments LMH2121 Datasheet HTML 12Page - Texas Instruments LMH2121 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
RF INPUT POWER (dBm)
-30
-20
-10
0
10
20
3
2
1
0
-1
-2
-3
-40°C
85°C
-30
-20
-10
0
10
20
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
RF INPUT POWER (dBm)
-40°C
85°C
-40
-30
-20
-10
0
10
20
10
1
0.1
0.01
RF INPUT POWER (dBm)
25°C
85°C
-40°C
-30
-20
-10
0
10
20
3
2
1
0
-1
-2
-3
85°C
RF INPUT POWER (dBm)
-40°C
25°C
-40
-30
-20
-10
0
10
20
10
1
0.1
0.01
2.6 GHz
RF INPUT POWER (dBm)
1.7 GHz
1.9 GHz
100 MHz
700 MHz
900 MHz
FREQUENCY (Hz)
10
1
0.1
0.01
10M
100M
1G
10G
RFIN = -25 dBm
RFIN = -10 dBm
RFIN = -5 dBm
RFIN = 0 dBm
RFIN = -15 dBm
RFIN = -20 dBm
RFIN = -30 dBm
RFIN = 5 dBm
RFIN = 10 dBm
LMH2121
www.ti.com
SNVS876A – AUGUST 2012 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified TA = 25°C, VDD = 2.7V, RFIN = 1900 MHz CW (Continuous Wave, unmodulated). Specified errors
are input referred.
Output Voltage vs. RF Input power
Output Voltage vs. Frequency
Figure 15.
Figure 16.
Lin Conformance
Output Voltage vs. RF Input Power at 100 MHz
vs. RF Input Power at 100 MHz
Figure 17.
Figure 18.
Lin Conformance (50 units)
Temperature Variation
vs. RF Input Power at 100 MHz
vs. RF Input Power at 100 MHz
Figure 19.
Figure 20.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH2121


Similar Part No. - LMH2121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121 TI-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TMX TI-LMH2121TMX Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results

Similar Description - LMH2121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com