Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR1616 Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR1616
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR1616 Datasheet(HTML) 2 Page - Sumida Corporation

  RCR1616_14 Datasheet HTML 1Page - Sumida Corporation RCR1616_14 Datasheet HTML 2Page - Sumida Corporation RCR1616_14 Datasheet HTML 3Page - Sumida Corporation RCR1616_14 Datasheet HTML 4Page - Sumida Corporation RCR1616_14 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCR1616
Electrical Characteristics
1.0
0.99
0.93
1.0
0.96
0.85
515(397)
575(443)
665(513)
680
μH±10%
820
μH±10%
1.0mH
±10%
681K
821K
102K
RCR1616NP-681K
RCR1616NP-821K
RCR1616NP-102K
1.3
1.3
1.1
1.3
1.2
1.1
255(196)
280(215)
380(291)
390
μH±10%
470
μH±10%
560
μH±10%
391K
471K
561K
RCR1616NP-391K
RCR1616NP-471K
RCR1616NP-561K
1.8
1.7
1.4
1.8
1.7
1.5
155(119)
180(140)
240(183)
220
μH±10%
270
μH±10%
330
μH±10%
221K
271K
331K
RCR1616NP-221K
RCR1616NP-271K
RCR1616NP-331K
2.6
2.4
2.0
2.5
2.3
2.0
80.0(61.7)
91.0(70.0)
135(104)
120
μH±10%
150
μH±10%
180
μH±10%
121K
151K
181K
RCR1616NP-121K
RCR1616NP-151K
RCR1616NP-181K
3.4
3.1
2.9
3.3
2.9
2.7
56.0(43.0)
64.5(49.5)
68.0(52.5)
68
μH±20%
82
μH±20%
100
μH±10%
680M
820M
101K
RCR1616NP-680M
RCR1616NP-820M
RCR1616NP-101K
4.5
4.1
3.8
4.6
4.2
3.8
33.0(25.4)
37.0(28.4)
45.0(34.5)
39
μH±20%
47
μH±20%
56
μH±20%
390M
470M
560M
RCR1616NP-390M
RCR1616NP-470M
RCR1616NP-560M
5.7
5.2
4.8
6.2
5.6
5.0
17.0(13.0)
20.0(15.2)
27.0(20.5)
22
μH±20%
27
μH±20%
33
μH±20%
220M
270M
330M
RCR1616NP-220M
RCR1616NP-270M
RCR1616NP-330M
7.4
6.2
6.0
8.5
7.1
6.7
11.0(8.47)
14.5(11.2)
16.5(12.7)
12
μH±20%
15
μH±20%
18
μH±20%
120M
150M
180M
RCR1616NP-120M
RCR1616NP-150M
RCR1616NP-180M
9.2
8.0
7.8
12.6
9.8
9.3
6.70(5.15)
9.35(7.20)
10.5(8.25)
4.7
μH±20%
6.8
μH±20%
10
μH±20%
4R7M
6R8M
100M
RCR1616NP-4R7M
RCR1616NP-6R8M
RCR1616NP-100M
Temperature
Rise current
(A)
※3
Saturation-
current
(A)
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name
※1. Inductance measuring condition: at 1kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - RCR1616_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR1616NP-100M SUMIDA-RCR1616NP-100M Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616NP-101K SUMIDA-RCR1616NP-101K Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616NP-102K SUMIDA-RCR1616NP-102K Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616NP-120M SUMIDA-RCR1616NP-120M Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1616NP-121K SUMIDA-RCR1616NP-121K Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results

Similar Description - RCR1616_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com