Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP159RSBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP159RSBT
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP159RSBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75DP159RSBT Datasheet HTML 3Page - Texas Instruments SN75DP159RSBT Datasheet HTML 4Page - Texas Instruments SN75DP159RSBT Datasheet HTML 5Page - Texas Instruments SN75DP159RSBT Datasheet HTML 6Page - Texas Instruments SN75DP159RSBT Datasheet HTML 7Page - Texas Instruments SN75DP159RSBT Datasheet HTML 8Page - Texas Instruments SN75DP159RSBT Datasheet HTML 9Page - Texas Instruments SN75DP159RSBT Datasheet HTML 10Page - Texas Instruments SN75DP159RSBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2C – JULY 2015 – REVISED JULY 2016
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION (1)
SIGNAL NAME
RGZ
RSB
SWAP/POL (2)
1
N/A
I
3
level (1)
Input lane SWAP and polarity control pin when I2C_EN/PIN = Low
SWAP/POL = H receive lane polarity swap (retimer mode only)
SWAP/POL = L receive lanes swap (retimer and redriver mode)
SWAP/POL = No Connect normal working
SUPPLY AND GROUND PINS
VCC
13, 43
11, 37
P
3.3-V power supply
VDD
14, 23,
24, 37,
48
12, 19,
20, 31,
40
P
1.1-V power supply
GND
7, 19, 41,
30,
Thermal
Pad
15, 35,
Thermal
Pad
G
Ground
(1) (H) Logic high (pin strapped to VCC through 65-k
Ω resistor); (L) logic low (pin strapped to GND through 65-kΩ resistor); (for mid-level,
no connect)
(2) Blue pin names are only in the SNx5DP159 RGZ package.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage(3)
VCC
–0.3
4
V
VDD
–0.3
1.4
V
Voltage
Main link input (IN_Dx AC-coupled mode), AUX_SRCp, AUX_SRCn
differential voltage
1.56
V
TMDS outputs ( OUT_Dx)
–0.3
4
V
HPD_SRC, Vsadj, SDA_CTL, SCL_CTL, OE, HDMI_SEL/A1, EQ_SEL/A0,
I2C_EN/PIN, SLEW_CTL, TX_TERM_CTL, SDA_SRC, SCL_SRC
–0.3
4
V
HPD_SNK, SDA_SNK, SCL_SNK
–0.3
6
V
Continuous power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
V


Similar Part No. - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP159 TI1-SN75DP159 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com