Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP159RSBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP159RSBT
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP159RSBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75DP159RSBT Datasheet HTML 4Page - Texas Instruments SN75DP159RSBT Datasheet HTML 5Page - Texas Instruments SN75DP159RSBT Datasheet HTML 6Page - Texas Instruments SN75DP159RSBT Datasheet HTML 7Page - Texas Instruments SN75DP159RSBT Datasheet HTML 8Page - Texas Instruments SN75DP159RSBT Datasheet HTML 9Page - Texas Instruments SN75DP159RSBT Datasheet HTML 10Page - Texas Instruments SN75DP159RSBT Datasheet HTML 11Page - Texas Instruments SN75DP159RSBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
8
SN65DP159, SN75DP159
SLLSEJ2C – JULY 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
These values are based upon a microcontroller driving the control pins. The pullup/pulldown/floating resistor configuration will set the
internal bias to the proper voltage level which will not match the values shown here.
(2)
This value is based upon a microcontroller driving the OE pin. A passive reset circuit using an external capacitor and the internal pullup
resistor will set OE pin properly, but may have a different value than shown due to internal biasing.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
GENERAL PARAMETERS
VCC
Supply voltage
3
3.3
3.6
V
VDD
1.00
1.1
1.27
TCASE
Case temperature for RSB package
93.5
°C
TCASE
Case temperature for RGZ package
92.7
°C
TA
Operating free-air temperature
SN75DP159
0
85
°C
SN65DP159
–40
85
MAIN LINK DIFFERENTIAL PINS
VID_PP
Peak-to-peak input differential voltage
75
1200
mv
VIC
Input common mode voltage
0
2
V
CAC
AC coupling capacitance
75
100
200
nF
dR
Data rate
0.25
5
Gbps
Vsadj
TMDS-compliant swing voltage bias resistor
7.06
CONTROL PINS
VI-DC
DC input voltage
Control pins
–0.3
3.6
V
VIL
(1)
Low-level input voltage at OE
0.8
V
Low-level input voltage at SLEW_CTL, PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL
0.3
VIM
(1)
No connect input voltage at SLEW_CTL, PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL
1
1.2
1.4
V
VIH
(1)
High-level input voltage at SLEW_CTL, OE(2) , PRE_SEL, EQ_SEL/A0,
TX_TERM_CTL, SWAP/POL
2.6
V
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
IIH
High-level input current
–30
30
µA
IIL
Low-level input current
–10
10
µA
IOS
Short circuit output current
–50
50
mA
IOZ
High impedance output current
10
µA
ROEPU
Pullup resistance on OE pin
150
250
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Test conditions for ΨJB and ΨJT are clarified in TI document Semiconductor and IC Package Thermal Metrics.
7.4 Thermal Information
THERMAL METRIC(1)
SNx5DP159
SNx5DP159
UNIT
RGZ (VQFN)
RSB (WQFN)
48 PINS
40 PINS
RθJA
Junction-to-ambient thermal resistance
31.1
37.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (High-K board(2))
18.2
23.1
°C/W
RθJB
Junction-to-board thermal resistance (High-K board(2))
8.1
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8.1
3.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
3.2
°C/W


Similar Part No. - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP159 TI1-SN75DP159 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP159RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com