Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP139RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP139RGZR
Description  DisplayPort to TMDS Level-Shifting Re-Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP139RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75DP139RGZR Datasheet HTML 6Page - Texas Instruments SN75DP139RGZR Datasheet HTML 7Page - Texas Instruments SN75DP139RGZR Datasheet HTML 8Page - Texas Instruments SN75DP139RGZR Datasheet HTML 9Page - Texas Instruments SN75DP139RGZR Datasheet HTML 10Page - Texas Instruments SN75DP139RGZR Datasheet HTML 11Page - Texas Instruments SN75DP139RGZR Datasheet HTML 12Page - Texas Instruments SN75DP139RGZR Datasheet HTML 13Page - Texas Instruments SN75DP139RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
tPD(HPD)
50%
50%
5V
0V
1.1V
0V
HPD_SINK
HPD_SOURCE
tPD(HPD)
50%
50%
5V
0V
VCC
0V
HPD_SINK
HPD_SOURCE
Dp139
130kW
HPDInput/HPD_sink
HPDOutput/HPD_source
100kW
130k
Pulldown
W
resistorisintegrated
1.1 V
DP139
130 kW
HPD Input/HPD_sink
HPD Output/HPD_source
100 kW
130 k
Pull down
W
resistor on the sink side
is integrated
10 kW
SN75DP139
SLLS977E – APRIL 2009 – REVISED SEPTEMBER 2014
www.ti.com
6.8 Electrical Characteristics (TMDS and Main Link Pins)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Single-ended HIGH level output voltage
AVCC = 3.3 V, RT = 50 Ω,
AVCC–10
AVCC+10
mV
VOL
Single-ended LOW level output voltage
AVCC–600
AVCC-400
mV
VSWING
Single-ended output voltage swing
400
600
mV
VOC(SS)
Change in steady-state common-mode
–5
5
mV
output voltage between logic states
VOD(PP)
Peak-to-Peak output differential voltage
800
1200
mV
V(O)SBY
Single-ended standby output voltage
AVCC = 3.3 V, RT = 50 Ω, OE_N =
AVCC–10
AVCC+10
mV
High
I(O)OFF
Single-ended power down output
0V
≤ VCC ≤ 1.5 V, AVCC = 3.3 V,
–10
10
μA
current
RT = 50Ω
IOS
Short circuit output current
See Figure 14
–15
15
mA
RINT
Input termination impedance
40
50
60
Vterm
Input termination voltage
1
2
V
6.9 Switching Characteristics (Hot Plug Detect)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD(HPD)
Propagation delay
VCC = 3.6 V
2
30
ns
Figure 1. HPD Test Circuit (HPDINV = LOW)
Figure 2. HPD Test Circuit (VOH =1.1), HPDINV =
HIGH
Figure 3. HPD Timing Diagram (HPDINV = LOW)
Figure 4. HPD Timing Diagram (HPDINV = HIGH)
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: SN75DP139


Similar Part No. - SN75DP139RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
More results

Similar Description - SN75DP139RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
logo
Bruckewell Technology L...
MS90N06 BWTECH-MS90N06 Datasheet
485Kb / 6P
   Level Shifting and Driver Circuits
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-077L AVAGO-ACPL-077L Datasheet
354Kb / 10P
   Allow level shifting functionality
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
Maxim Integrated Produc...
MAX17088EVKIT MAXIM-MAX17088EVKIT Datasheet
252Kb / 12P
   35V to -25V High-Voltage Level-Shifting Drivers
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com