Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC187DBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC187DBRG4
Description  MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC187DBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC187DBRG4 Datasheet HTML 1Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 2Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 3Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 4Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 5Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 6Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 7Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 8Page - Texas Instruments SN75LBC187DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN75LBC187
MULTICHANNEL EIA-232 DRIVER/RECEIVER
WITH CHARGE PUMP
SLLS130C – SEPTEMBER 1991 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
High level input voltage VIH
DA
2
V
High-level input voltage, VIH
RA, SHUTDOWN
2.4
V
Low-level input voltage, VIL
RA, DA, SHUTDOWN
0.8
V
Receiver input voltage, VI
–25
25
V
High-level output current, IOH
RY
–1
mA
Low-level output current, IOL
RY
3.2
mA
Output current IO
VDD
±10
µA
Output current, IO
VSS
±10
µA
C1, C2, C3, C4 charge pump capacitors
0.1
0.47
µF
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
Receiver
IO = – 1 mA
3.5
V
VOH
High-level output voltage
Driver
RL = 3 kΩ to GND
5
7
V
VOL
Low level output voltage
Receiver
IO = 3.2 mA
0.4
V
VOL
Low-level output voltage
Driver
RL = 3 kΩ to GND
–7
–5
V
VIT +
Receiver positive-going input voltage threshold
1.7
2.4
V
VIT –
Receiver negative-going input voltage threshold
0.8
1.2
V
Vhys
Receiver input hysteresis voltage (VIT+ – VIT–)
0.5
1
V
ri
Receiver input resistance
VCC = 5 V,
TA = 25°C
3
5
7
k
ro
Driver output resistance
VCC = 0,
VO = ± 2 V
300
II
Input current (DA, SHUTDOWN)
VI = 0 to VCC
±50
µA
IOS
Driver output short-circuit current
VO = 0
±10
mA
ICC
Supply current
Normal operation
All outputs open, SHUTDOWN at 2.4 V
15
30
mA
ICC
Supply current
Shutdown mode
All outputs open, SHUTDOWN at 0.1 V
10
µA
† All typical values are at VCC = 5 V and TA = 25°C.


Similar Part No. - SN75LBC187DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC187DB TI-SN75LBC187DB Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
More results

Similar Description - SN75LBC187DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com