Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3EQX12908A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3EQX12908A
Description  Linear Equalization
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3EQX12908A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3EQX12908A Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
www.pericom.com | 1-408-232-9100
PRODUCT BRIEF
PI3EQX12908A
PCIe3/10GE/SAS3 12Gps 8-channel ReDriver™ with Linear Equalization
Description
Pericom Semiconductor’s PI3EQX12908A is a PCIe3, 10GE-
KR, SAS3, 8 differential channels ReDriver™. The device pro-
vides programmable linear equalization, output swing and
gain, by either pin strapping option or I2C Control, to optimize
performance over a variety of physical mediums by reducing
Inter-symbol interference.
The PI3EQX12908A supports eight 100-Ohm Differential
CML data I/O’s and extends the signals across other distant
data pathways on the user’s platform.
The programmable settings can be applied easily via pins,
software (I2C) or loaded via an external EEPROM.
When operating in the EEPROM mode, the configuration
information is automatically loaded on power up, which elimi-
nates the need for an external microprocessor or software driver.
The PI3EQX12908A offers fully Linear Transfer function to
fully comply with all PCIe 3, 10GE & SAS3 Link Training signals.
Features
TIMING SOLUTIONS
SIGNAL INTEGRITY SOLUTIONS
SWITCHING SOLUTIONS
CONNECTIVITY SOLUTIONS
TIMING SOLUTIONS
SIGNAL INTEGRITY SOLUTIONS
SWITCHING SOLUTIONS
CONNECTIVITY SOLUTIONS
TIMING SOLUTIONS
SIGNAL INTEGRITY SOLUTIONS
SWITCHING SOLUTIONS
CONNECTIVITY SOLUTIONS
Î
Î
8-12Gbps serial link with linear equalizer
Î
Î
Handle up to 36dB channel loss
Î
Î
Support PCIe Gen 3, 10GE, SAS3 protocol
Î
Î
Supporting 8 differential channels
Î
Î
Independent channel configuration of receiver equaliz-
ation, output swing and flat gain
Î
Î
Per Channel Activity Detector with selectable input
termination between 50Ω to VDD and 200KΩ to VDD
Î
Î
Per Channel Output Termination Detector on power up
with selectable output termination between 50Ω to VDD
and high impedance
Î
Î
Very linear transfer function
Î
Î
Fully compliant to PCISIG, 10GE-KR, SAS3 Link Training
Î
Î
Single-ended mode receiver detection for PCIe
Î
Î
Input Threshold detection
Î
Î
Pin strap and I2C master/slave selectable device
programming with external EEPROM
Î
Î
4-bit selectable address bit for I2C
Î
Î
Supply Voltage: 3.3V±0.3V
Î
Î
Industrial Temperature Range: -40oC to 85oC
Î
Î
Packaging (Pb-free & Green):
Î
Î
54-contact TQFN (10mm x 5.5mm x 0.5mm pitch)
- flowthrough pinout
Eye Diagram
Host
Channel Loss
Pericom
ReDriver
Device
End Point
Equalizer, De-emphasis,
Swing, and Amplifier Gain
Long input trace,
cable, or connectors
+
-
+
-
+
-
Output trace
+
-
+
-
+
-
+
-
Input trace
+
-
Long output trace,
cable, or connectors
Before Channel Loss
Before ReDriver
After ReDriver
TX
TX
RX
RX
Applications
Î
Î
Rack server
Î
Î
JBOD storage
Î
Î
Blade server


Similar Part No. - PI3EQX12908A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX12908A2 DIODES-PI3EQX12908A2 Datasheet
1Mb / 26P
   8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
November 2017 Rev 1-2
PI3EQX12908A2ZFEX DIODES-PI3EQX12908A2ZFEX Datasheet
1Mb / 26P
   8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
November 2017 Rev 1-2
More results

Similar Description - PI3EQX12908A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3EQX8904 PERICOM-PI3EQX8904 Datasheet
604Kb / 1P
   Linear Equalization
PI3EQX8908A PERICOM-PI3EQX8908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX10904 PERICOM-PI3EQX10904 Datasheet
606Kb / 1P
   Linear Equalization
PI3EQX10908A PERICOM-PI3EQX10908A Datasheet
2Mb / 1P
   Linear Equalization
PI3EQX12902B PERICOM-PI3EQX12902B Datasheet
965Kb / 1P
   Linear Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
   High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
   High Performance Re-driver with Linear Equalization
logo
Texas Instruments
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
logo
Diodes Incorporated
PI3EQX12908A2 DIODES-PI3EQX12908A2 Datasheet
1Mb / 26P
   8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
November 2017 Rev 1-2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com