Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC773 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75LBC773
Description  GEOPORT TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC773 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LBC773_05 Datasheet HTML 5Page - Texas Instruments SN75LBC773_05 Datasheet HTML 6Page - Texas Instruments SN75LBC773_05 Datasheet HTML 7Page - Texas Instruments SN75LBC773_05 Datasheet HTML 8Page - Texas Instruments SN75LBC773_05 Datasheet HTML 9Page - Texas Instruments SN75LBC773_05 Datasheet HTML 10Page - Texas Instruments SN75LBC773_05 Datasheet HTML 11Page - Texas Instruments SN75LBC773_05 Datasheet HTML 12Page - Texas Instruments SN75LBC773_05 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN75LBC773
GEOPORT
™ TRANSCEIVER
SLLS247C – FEBRUARY 1997 – NOVEMBER 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
_
+
CL = 50 pF
RY
RA
RB
– 2.5 V or 2.5 V
REN
tPLZ
tPZL
1.5 V
3 V
0 V
VCC
VOL
10%
90%
REN
VO
TEST CIRCUIT
VOLTAGE WAVEFORM
(see Note A)
RL = 500 Ω
VCC
10%
90%
1.5 V
tPHZ
tPZH
S1 at VCC
S1 at GND
VOH
0 V
S1
NOTE A: For the input waveform tr, tf < = 10 ns
Figure 7. Receiver Enable and Disable Test Circuit and Waveforms


Similar Part No. - SN75LBC773_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC773DW TI-SN75LBC773DW Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results

Similar Description - SN75LBC773_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI1-SN75LBC771_07 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC776DWR TI1-SN75LBC776DWR Datasheet
537Kb / 17P
[Old version datasheet]   SINGLE-CHIP GeoPort TRANSCEIVER
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com