Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V9537UE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9537UE
Description  interrupt and reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9537UE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9537UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9537UE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0029
PT0565-1
02/15/16
6
PI4IOE5V9537
4-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
Symbol
Parameter
Test
Conditions
Standard
mode I
2C
Fast mode
I
2C
Fast mode
Plus I
2C
Uint
Min
Max
Min
Max
Min
Max
RESET timing
tw(rst)
Reset pulse width
25
-
25
-
25
-
ns
tvrec(rst)
Reset recovery time
[4]
0
-
0
-
0
-
ns
trst
Reset time
1
-
1
-
1
-
us
Note:
[1]: tVD;ACK = time for acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]: tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]: tv(Q)measured from 0.7VCC on SCL to 50% I/O output.
[4]: To reset the device while actively communicating on the bus may cause glitches or errant STOP conditions. Upon reset, the
full delay will be the sum of trst and RC time constant of SDA bus.
Figure 2: timing parameters for INT signal


Similar Part No. - PI4IOE5V9537UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LE PERICOM-PI4IOE5V9535LE Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LEX PERICOM-PI4IOE5V9535LEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535ZDEX PERICOM-PI4IOE5V9535ZDEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
More results

Similar Description - PI4IOE5V9537UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com