Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V9536UEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9536UEX
Description  SMBus low power I/O port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9536UEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9536UEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9536UEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0028
PT0557-1
02/15/16
6
PI4IOE5V9536
4-bit I
2C-bus and SMBus
low power I/O port
ii.Register 0: input port registers
This register is a read-only port. It reflects the incoming logic levels of the pins, regardless of whether the pin is defined as an
input or an output by Register 2. Writes to this register have no effect.
The default value ‘X’ is determined by the externally applied logic level.
Table 6: Input port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
I7
I6
I5
I4
I3
I2
I1
I0
Default
1
1
1
1
X
X
X
X
iii.
Register 1:Output port register
This register is an output-only port. It reflects the outgoing logic levels of the pins defined as outputs by Registers 3. Bit values
in this register have no effect on pins defined as inputs. In turn, reads from this register reflect the value that is in the flip-flop
controlling the output selection, not the actual pin value.
Table 8: Output port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
O7
O6
O5
O4
O3
O2
O1
O0
Default
1
1
1
1
1
1
1
1
iv.
Register 2: Polarity inversion register
This register allows the user to invert the polarity of the Input port register data. If a bit in this register is set (written with ‘1’),
the Input port data polarity is inverted. If a bit in this register is cleared (written with a ‘0’), the Input port data polarity is retained.
Table 10: Polarity Inversion port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
N7
N6
N5
N4
N3
N2
N1
N0
Default
0
0
0
0
0
0
0
0
v. Register 3: Configuration registers
This register configures the directions of the I/O pins. If a bit in this register is set (written with ‘1’), the corresponding port pin
is enabled as an input with high-impedance output driver. If a bit in this register is cleared (written with ‘0’), the corresponding
port pin is enabled as an output. At reset, the I/Os are configured as inputs with a weak pull-up to VCC
Table 12: Configuration port 0 register
Bit
7
6
5
4
3
2
1
0
Symbol
C7
C6
C5
C4
C3
C2
C1
C0
Default
1
1
1
1
1
1
1
1


Similar Part No. - PI4IOE5V9536UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LE PERICOM-PI4IOE5V9535LE Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LEX PERICOM-PI4IOE5V9535LEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535ZDEX PERICOM-PI4IOE5V9535ZDEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9536UEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com