Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V9536ZEEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9536ZEEX
Description  SMBus low power I/O port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9536ZEEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4IOE5V9536ZEEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9536ZEEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0028
PT0557-1
02/15/16
3
PI4IOE5V9536
4-bit I
2C-bus and SMBus
low power I/O port
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/Os
VIL
Low level input voltage
-0.5
-
+0.81
V
VIH
High level input voltage
+1.8
-
5.5
V
IOL
Low level output current
VCC = 2.3 V; VOL = 0.5 V
[2]
8
10
-
mA
VCC = 2.3 V; VOL = 0.7 V
[2]
10
13
-
mA
VCC = 3.0 V; VOL = 0.5 V
[2]
8
14
-
mA
VCC = 3.0 V; VOL = 0.7 V
[2]
10
19
-
mA
VCC = 4.5 V; VOL = 0.5 V
[2]
8
17
-
mA
VCC =4.5 V; VOL = 0.7 V
[2]
10
24
-
mA
VOH
High level output voltage
IOH=-8mA;VCC=2.3V
[3]
1.8
-
-
V
IOH=-10mA;VCC=2.3V
[3]
1.7
-
-
V
IOH=-8mA;VCC=3.0V
[3]
2.6
-
-
V
IOH=-10mA;VCC=3.0V
[3]
2.5
-
-
V
IOH=-8mA;VCC=4.75V
[3]
4.1
-
-
V
IOH=-10mA;VCC=4.75V
[3]
4.0
-
-
V
ILIH
High level input leakage
current
VCC=3.6V; VI=VCC
-
-
1
μA
ILIL
Low level input leakage
current
VCC=5.5V; VI=GND
-
-
-100
μA
Ci
Input capacitance
-
3.7
10
pF
Co
Output capacitance
-
3.7
10
pF
Note:
[1]: VCC must be lowered to 0.2 V for at least 5 us in order to reset part.
[2]: Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA
[3]: The total current sourced by all I/Os must be limited to 85mA.


Similar Part No. - PI4IOE5V9536ZEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LE PERICOM-PI4IOE5V9535LE Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535LEX PERICOM-PI4IOE5V9535LEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9535ZDEX PERICOM-PI4IOE5V9535ZDEX Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
More results

Similar Description - PI4IOE5V9536ZEEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com