Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4MSD5V9542AWE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9542AWE
Description  2 Channel I2Cbus Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9542AWE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4MSD5V9542AWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9542AWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0033
PT0523-4
8/18/15
4
PI4MSD5V9542A
2 Channel I2C bus Multiplexer
with Interrupt Logic
Continued
Symbol
Parameter
Conditions
VCC
Min
Typ
Max
Unit
IL
leakage current
VI = VCC or GND
1.65V to 5.5V
-1
+1
pF
Cio
input/output capacitance
VI = VCC or GND
1.65V to 5.5V
3
5
pF
Select inputs A0, A1, A2, INT0, INT1
VIL
LOW-level input voltage
1.65V to 5.5V
-0.5
+0.3VCC
V
VIH
HIGH-level input voltage
1.65V to 5.5V
0.7VCC
6
V
ILI
input leakage current
VI = GND
1.65V to 5.5V
-1
+1
uA
Ci
input capacitance
VI = GND
1.65V to 5.5V
3
5
pF
INT output
IOL
LOW-level output current
VOL = 0.4 V
1.65V to 5.5V
3
mA
IOH
HIGH-level output current
1.65V to 5.5V
+10
uA
Note: VCC must be lowered to 0.2 V for at least 5 us in order to reset part.
AC Electrical characteristics
Tamb = - 40 ºC to +85 ºC; unless otherwise specified.
Symbol
Parameter
Conditions
VCC
Min
Typ
Max
Unit
tPD
[1]
propagation delay
from SDA to SDx,
or SCL to SCx
1.65V to 5.5V
0.3
ns
INT
[2]
tV_INT
valid time from INTn to
INT signal
1.65V to 5.5V
4
us
tD_INT
delay time from INTn to
INT inactive
1.65V to 5.5V
2
us
tREJ_L
LOW-level rejection time
1.65V to 5.5V
1
us
tREJ_H
HIGH-level rejection time
1.65V to 5.5V
0.5
us
Note
[1]Pass gate propagation delay is calculated from the 20Ω typical Ron and the 15 pF load capacitance.
[2] Measurements taken with 1 kΩpull-up resistor and 50 pF load.


Similar Part No. - PI4MSD5V9542AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUE PERICOM-PI4MSD5V9540BUE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUEX PERICOM-PI4MSD5V9540BUEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWE PERICOM-PI4MSD5V9540BWE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWEX PERICOM-PI4MSD5V9540BWEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results

Similar Description - PI4MSD5V9542AWE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Hitachi Semiconductor
HD74LV2G157A HITACHI-HD74LV2G157A Datasheet
107Kb / 11P
   2-channel Multiplexer
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74ALVC2G157 RENESAS-HD74ALVC2G157 Datasheet
96Kb / 11P
   2-channel Multiplexer
Rev.4.00, Dec.18.2003,
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com