Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4MSD5V9543AWE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543AWE
Description  2 Channel I2C bus switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543AWE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4MSD5V9543AWE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0034
PT0524-4
8/18/15
10
PI4MSD5V9543A
2 Channel I2C bus switch
with Interrupt Logic and Reset
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line
while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the
clock is HIGH is defined as the STOP condition (P)
Figure 8. Definition of Start and Stop Conditions
A device generating a message is a ‘transmitter’, a device receiving is the ‘receiver’. The device that controls the
message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’
Figure 9. System Configuration
The number of data bytes transferred between the START and the STOP conditions from transmitter to receiver is
not limited. Each byte of 8 bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the
bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also, a master
must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The
device that acknowledges has to pull down the SDA line during the acknowledge clock pulse so that the SDA line is
stable LOW during the HIGH period of the acknowledge related clock pulse; set-up and hold times must be taken into
account.


Similar Part No. - PI4MSD5V9543AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BLE PERICOM-PI4MSD5V9543BLE Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BLEX PERICOM-PI4MSD5V9543BLEX Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BWE PERICOM-PI4MSD5V9543BWE Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9543BWEX PERICOM-PI4MSD5V9543BWEX Datasheet
610Kb / 13P
   2 Channel I2C bus switch
More results

Similar Description - PI4MSD5V9543AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
   2 Channel I2C bus switch
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9545A PERICOM-PI4MSD5V9545A Datasheet
531Kb / 13P
   4 Channel I2C bus Switch
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
   4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com