Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4MSD5V9547ZDEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9547ZDEX
Description  8 Channel I2C bus multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9547ZDEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9547ZDEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9547ZDEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0040
PT0544-2
8/18/15
6
PI4MSD5V9547
8 Channel I2C bus Multiplexer with Reset
Figure 2. Definition of timing on the I2C-bus
Application
Figure 3. Typical Application
Recommended application voltage condition
VCC
VPU1
VPU2
1.8V
1.5V-5.5V
1.2V-5.5V
2.5V
1.8V-5.5V
1.8V-5.5V
3.3V
2.7V-5.5V
2.7V-5.5V
5V
4.5V-5.5V
4.5V-5.5V


Similar Part No. - PI4MSD5V9547ZDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUE PERICOM-PI4MSD5V9540BUE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BUEX PERICOM-PI4MSD5V9540BUEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWE PERICOM-PI4MSD5V9540BWE Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
PI4MSD5V9540BWEX PERICOM-PI4MSD5V9540BWEX Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results

Similar Description - PI4MSD5V9547ZDEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
[Old version datasheet]   8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
   8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
   8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com