Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC970ADLR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LBC970ADLR
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC970ADLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC970ADLR Datasheet HTML 7Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 8Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 9Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 10Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 11Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 12Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 13Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 14Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Table 1. Output Test Enabling (No Clock Input)
SIGNAL
BUS
CONTROL INPUT(s)
INPUT(s)
OUTPUT
TEST
RSTFLTR
RESET
BBSY –
BBSY+
ABSY–
DSENS
ATN, ACK, MSG, C/D, REQ, I/O
A
B
H
H
L
ATN, ACK, MSG, C/D, REQ, I/O
B
A
H
L
L
RST
A
B
L—>H
H
L
H
H
RST
B
A
L—>H
H
L
H
H
SEL, BSY
B
A
L
H
L—>H
H
SEL, BSY
B
H
H
L
TIMEOUT
N/A
H
L
L
DRVBUS†
BBSY –/ BBSY+,
BSEL–/BSEL+,
TIMEOUT
DRVBUS
H
L
L
TIMEOUT
N/A
Z
H
L
† For these conditions, DRVBUS = BSEL or BBSY and TIMEOUT together.
Output
Input
TIMEOUT
15 pF
Input
Output
0 V
1.5 V
VCC
t0
t0
or
tP
tP
VOL
1.5 V
VOH
DRVBUS
tPHL
tPLH
RESET
TEST
DSENS,
BSEL, BBSY
RSTFLTR
TIMEOUT
DRVBUS
Figure 5. TIMEOUT to DRVBUS Delay Time Test Circuit and Timing Definitions


Similar Part No. - SN75LBC970ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC970ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971B TI1-SN75971B_16 Datasheet
203Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com