Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH125L125 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH125L125
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125L125 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH125L125_14 Datasheet HTML 1Page - Sumida Corporation CDRH125L125_14 Datasheet HTML 2Page - Sumida Corporation CDRH125L125_14 Datasheet HTML 3Page - Sumida Corporation CDRH125L125_14 Datasheet HTML 4Page - Sumida Corporation CDRH125L125_14 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH125/L125
Electrical Characteristics
0.50
0.42
0.52
1.90(1.58)
1000
±20%
102
CDRH125L125NP-102MC
0.65
0.50
0.62
1.22(1.02)
680
±20%
681
CDRH125L125NP-681MC
0.81
0.61
0.75
858m(686m)
470
±20%
471
CDRH125L125NP-471MC
0.90
0.73
0.90
674m(539m)
330
±20%
331
CDRH125L125NP-331MC
1.15
0.90
1.12
394m(315m)
220
±20%
221
CDRH125L125NP-221MC
1.40
1.11
1.36
271m(217m)
150
±20%
151
CDRH125L125NP-151MC
1.82
1.37
1.70
166m(133m)
100
±20%
101
CDRH125L125NP-101MC
2.05
1.65
2.02
131m(105m)
68
±20%
680
CDRH125L125NP-680MC
2.42
2.00
2.44
93.0m(74.0m)
47
±20%
470
CDRH125L125NP-470MC
3.00
2.38
2.93
59.0m(47.0m)
33
±20%
330
CDRH125L125NP-330MC
3.70
2.81
3.50
39.5m(31.5m)
22
±20%
220
CDRH125L125NP-220MC
4.50
3.50
4.40
33.8m(27.0m)
15
±20%
150
CDRH125L125NP-150MC
5.30
4.10
5.20
25.0m(20.0m)
10
±20%
100
CDRH125L125NP-100MC
5.90
4.90
6.20
20.0m(16.0m)
6.8
±30%
6R8
CDRH125L125NP-6R8NC
6.50
5.90
7.20
17.5m(14.0m)
5.1
±30%
5R1
CDRH125L125NP-5R1NC
6.80
6.70
8.20
15.0m(12.0m)
3.9
±30%
3R9
CDRH125L125NP-3R9NC
7.40
8.20
10.20
12.8m(10.2m)
2.7
±30%
2R7
CDRH125L125NP-2R7NC
8.00
10.10
12.60
10.6m(8.5m)
1.8
±30%
1R8
CDRH125L125NP-1R8NC
9.00
11.60
14.20
8.5m(6.8m)
1.2
±30%
1R2
CDRH125L125NP-1R2NC
at 125
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R.(
Ω)
Max.(Typ.)
(at 20
℃)
Inductance
(
μH) ※1
Stamp
Part Name
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDRH125L125_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125L125NP-100MC SUMIDA-CDRH125L125NP-100MC Datasheet
267Kb / 5P
   Power Inductor
CDRH125L125NP-101MC SUMIDA-CDRH125L125NP-101MC Datasheet
267Kb / 5P
   Power Inductor
CDRH125L125NP-102MC SUMIDA-CDRH125L125NP-102MC Datasheet
267Kb / 5P
   Power Inductor
CDRH125L125NP-150MC SUMIDA-CDRH125L125NP-150MC Datasheet
267Kb / 5P
   Power Inductor
CDRH125L125NP-151MC SUMIDA-CDRH125L125NP-151MC Datasheet
267Kb / 5P
   Power Inductor
More results

Similar Description - CDRH125L125_14

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com