Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LC31 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320LC31
Description  DIGITAL SIGNAL PROCESSORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC31 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320LC31 Datasheet HTML 1Page - Texas Instruments TMS320LC31 Datasheet HTML 2Page - Texas Instruments TMS320LC31 Datasheet HTML 3Page - Texas Instruments TMS320LC31 Datasheet HTML 4Page - Texas Instruments TMS320LC31 Datasheet HTML 5Page - Texas Instruments TMS320LC31 Datasheet HTML 6Page - Texas Instruments TMS320LC31 Datasheet HTML 7Page - Texas Instruments TMS320LC31 Datasheet HTML 8Page - Texas Instruments TMS320LC31 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D High-Performance Floating-Point Digital
Signal Processor (DSP):
– TMS320C31-80 (5 V)
25-ns Instruction Cycle Time
440 MOPS, 80 MFLOPS, 40 MIPS
– TMS320C31-60 (5 V)
33-ns Instruction Cycle Time
330 MOPS, 60 MFLOPS, 30 MIPS
– TMS320C31-50 (5 V)
40-ns Instruction Cycle Time
275 MOPS, 50 MFLOPS, 25 MIPS
– TMS320C31-40 (5 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
– TMS320LC31-40 (3.3 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
– TMS320LC31-33 (3.3 V)
60-ns Instruction Cycle Time
183.7 MOPS, 33.3 MFLOPS, 16.7 MIPS
D 32-Bit High-Performance CPU
D 16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
D 32-Bit Instruction Word, 24-Bit Addresses
D Two 1K × 32-Bit Single-Cycle Dual-Access
On-Chip RAM Blocks
D Boot-Program Loader
D On-Chip Memory-Mapped Peripherals:
– One Serial Port
– Two 32-Bit Timers
– One-Channel Direct Memory Access
(DMA) Coprocessor for Concurrent I/O
and CPU Operation
D Fabricated Using 0.6 µm Enhanced
Performance Implanted CMOS (EPIC
™)
Technology by Texas Instruments (TI
™)
D 132-Pin Plastic Quad Flat Package
( PQ Suffix )
D Eight Extended-Precision Registers
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Two Low-Power Modes
D Two- and Three-Operand Instructions
D Parallel Arithmetic/Logic Unit (ALU) and
Multiplier Execution in a Single Cycle
D Block-Repeat Capability
D Zero-Overhead Loops With Single-Cycle
Branches
D Conditional Calls and Returns
D Interlocked Instructions for
Multiprocessing Support
D Bus-Control Registers Configure
Strobe-Control Wait-State Generation
description
The TMS320C31 and TMS320LC31 DSPs are 32-bit, floating-point processors manufactured in 0.6
µm
triple-level-metal CMOS technology. The TMS320C31 and TMS320LC31 are part of the TMS320C3x
generation of DSPs from Texas Instruments.
The TMS320C3x’s internal busing and special digital-signal-processing instruction set have the speed and
flexibility to execute up to 80 million floating-point operations per second (MFLOPS). The TMS320C3x
optimizes speed by implementing functions in hardware that other processors implement through software or
microcode. This hardware-intensive approach provides performance previously unavailable on a single chip.
The TMS320C3x can perform parallel multiply and ALU operations on integer or floating-point data in a single
cycle. Each processor also possesses a general-purpose register file, a program cache, dedicated ARAUs,
internal dual-access memories, one DMA channel supporting concurrent I / O, and a short machine-cycle time.
High performance and ease of use are results of these features.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC and TI are trademarks of Texas Instruments Incorporated.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TMS320LC31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC15 TI-TMS320LC15 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LC15 TI1-TMS320LC15 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LC15FNL TI-TMS320LC15FNL Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LC15FNL TI1-TMS320LC15FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LC15FNL TI1-TMS320LC15FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320LC31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com