Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDM977DGGRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LVDM977DGGRG4
Description  9-CHANNEL DUAL-MODE TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDM977DGGRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVDM977DGGRG4 Datasheet HTML 1Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 2Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 3Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 4Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 5Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 6Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 7Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 8Page - Texas Instruments SN75LVDM977DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
B−
B+
A
B−
B+
A
DE/RE
VID
B−
B+
A
DE/RE
B−
B+
A
SN75LVDM976
SN75LVDM977
SLLS292B – APRIL 1998 – REVISED JANUARY 2000
FUNCTION TABLE
INPUT
OUTPUTS
A
B+
B–
L
L
H
Figure 5. Noninverting LVD Driver
H
H
L
FUNCTION TABLE
INPUTS
OUTPUTS
(B+ – B–)
DE/RE
A
B+
B–
A
VID ≥ 30 mV
L
NA
Z
Z
H
–30 mV < VID < 30
L
NA
Z
Z
?
mV
VID≤– 30 mV
L
NA
Z
Z
L
Figure 6. Noninverting LVD Transceiver
Open circuit
L
NA
Z
Z
?
NA
H
L
L
H
Z
NA
H
H
H
L
Z
FUNCTION TABLE
INPUTS
OUTPUTS
B–
DE/RE
A
B+
B–
A
H
L
NA
L
Z
H
L
L
NA
L
Z
L
Open circuit
L
NA
L
Z
?
Figure 7. Noninverting Single-Ended Transceiver
NA
H
L
L
L
Z
NA
H
H
L
H
Z
FUNCTION TABLE
INPUT
OUTPUTS
A
B+
B–
L
L
L
H
L
H
Figure 8. Noninverting Single-Ended Driver
5
Submit Documentation Feedback


Similar Part No. - SN75LVDM977DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDM977DGGR TI-SN75LVDM977DGGR Datasheet
426Kb / 28P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
More results

Similar Description - SN75LVDM977DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDM976 TI-SN75LVDM976 Datasheet
426Kb / 28P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
logo
OPLINK Communications I...
DTR-SM-LC-CWDM OPLINK-DTR-SM-LC-CWDM Datasheet
100Kb / 6P
   Single Mode Transceivers
DTR-SM2-LS-CWDM OPLINK-DTR-SM2-LS-CWDM Datasheet
187Kb / 6P
   Single Mode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com