Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH12D78RNP-101MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH12D78RNP-101MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH12D78RNP-101MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH12D78RNP-101MC Datasheet HTML 1Page - Sumida Corporation CDRH12D78RNP-101MC Datasheet HTML 2Page - Sumida Corporation CDRH12D78RNP-101MC Datasheet HTML 3Page - Sumida Corporation CDRH12D78RNP-101MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH12D78R
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.52
0.64
0.98
1458(1167)
1000
±20%
102
CDRH12D78RNP-102MC
0.66
0.77
1.19
928.8(743)
680
±20%
681
CDRH12D78RNP-681MC
0.84
0.92
1.42
652.5(522)
470
±20%
471
CDRH12D78RNP-471MC
0.96
1.12
1.72
470.0(376)
330
±20%
331
CDRH12D78RNP-331MC
1.09
1.38
2.08
325.0(260)
220
±20%
221
CDRH12D78RNP-221MC
1.45
1.64
2.55
218.8(175)
150
±20%
151
CDRH12D78RNP-151MC
1.80
2.10
3.15
141.3(113)
100
±20%
101
CDRH12D78RNP-101MC
2.20
2.45
3.85
93.8(75)
68
±20%
680
CDRH12D78RNP-680MC
2.55
3.05
4.60
70.0(56)
47
±20%
470
CDRH12D78RNP-470MC
3.10
3.50
5.50
50.0(40)
33
±20%
330
CDRH12D78RNP-330MC
3.80
4.40
6.80
35.0(28)
22
±20%
220
CDRH12D78RNP-220MC
4.60
5.50
8.40
23.8(19)
15
±20%
150
CDRH12D78RNP-150MC
5.90
6.60
10.1
18.7(15)
10
±20%
100
CDRH12D78RNP-100MC
at 105
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part No.


Similar Part No. - CDRH12D78RNP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH12D78 SUMIDA-CDRH12D78 Datasheet
215Kb / 2P
   POWER INDUCTORS
CDRH12D78/A SUMIDA-CDRH12D78/A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH12D78/ANP-100M SUMIDA-CDRH12D78/ANP-100M Datasheet
215Kb / 2P
   POWER INDUCTORS
CDRH12D78/ANP-101M SUMIDA-CDRH12D78/ANP-101M Datasheet
215Kb / 2P
   POWER INDUCTORS
CDRH12D78/ANP-120M SUMIDA-CDRH12D78/ANP-120M Datasheet
215Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH12D78RNP-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com