Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761678BDCHR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN761678BDCHR
Description  TV TUNER IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678BDCHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN761678BDCHR Datasheet HTML 2Page - Texas Instruments SN761678BDCHR Datasheet HTML 3Page - Texas Instruments SN761678BDCHR Datasheet HTML 4Page - Texas Instruments SN761678BDCHR Datasheet HTML 5Page - Texas Instruments SN761678BDCHR Datasheet HTML 6Page - Texas Instruments SN761678BDCHR Datasheet HTML 7Page - Texas Instruments SN761678BDCHR Datasheet HTML 8Page - Texas Instruments SN761678BDCHR Datasheet HTML 9Page - Texas Instruments SN761678BDCHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
S0158-01
15
14
S0157-01
Absolute Maximum Ratings
Recommended Operating Conditions
SN761678B
TV TUNER IC
SLES185 – JUNE 2006
Figure 15.
Figure 16.
over operating free-air temperature range (unless otherwise noted) (1)
Supply voltage range, VCC(2)
VCC (pin 11)
–0.4 V to 6.5 V
Input voltage 1, VGND(2)
OSC GND, RF GND (pins 3, 27)
–0.4 V to 0.4 V
Input voltage 2, VVTU(2)
VTU (pin 14)
–0.4 V to 35 V
Input voltage 3, VIN(2)
Other pins (1, 2, 4–9, 12, 13, 15–26, 28–30)
–0.4 V to 6.5 V
Continuous total dissipation, PD(3)
TA ≤ 25°C
1071 mW
Operating free-air temperature range, TA
–20
°C to 85°C
Storage temperature range, Tstg
–65
°C to 150°C
Maximum junction temperature, TJ
150
°C
Maximum short-circuit time, tSC(max)
Each pin to VCC or to GND
10 s
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the IF GND of the circuit.
(3)
Derating factor is 8.57 mW/
°C for T
A ≥ 25°C.
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Tuning supply voltage, VTU
30
33
V
Output current of band switch, IBS
One port on
10
mA
Operating free-air temperature, TA
–20
85
°C
6
Submit Documentation Feedback


Similar Part No. - SN761678BDCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678BDBT TI-SN761678BDBT Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTG4 TI-SN761678BDBTG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTR TI-SN761678BDBTR Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTRG4 TI-SN761678BDBTRG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761678BDCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com