Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761678BDCHR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN761678BDCHR
Description  TV TUNER IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678BDCHR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN761678BDCHR Datasheet HTML 4Page - Texas Instruments SN761678BDCHR Datasheet HTML 5Page - Texas Instruments SN761678BDCHR Datasheet HTML 6Page - Texas Instruments SN761678BDCHR Datasheet HTML 7Page - Texas Instruments SN761678BDCHR Datasheet HTML 8Page - Texas Instruments SN761678BDCHR Datasheet HTML 9Page - Texas Instruments SN761678BDCHR Datasheet HTML 10Page - Texas Instruments SN761678BDCHR Datasheet HTML 11Page - Texas Instruments SN761678BDCHR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Electrical Characteristics – PLL and Band Switch
SN761678B
TV TUNER IC
SLES185 – JUNE 2006
V
CC = 4.5 V to 5.5 V, TA = –20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
N
Divider ratio
15-bit frequency word
256
32767
fXTAL
Crystal oscillator frequency
RXTAL = 25 Ω to 300 Ω
3.2
4
4.48
MHz
ZXTAL
Crystal oscillator input impedance
1.6
k
VIXTAL2
Minimum reference input sensitivity (XTAL)
4 MHz, ac coupling with 0.1-
µF capacitor
100
mVp-p
VVTUL
Tuning amplifier low-level output voltage
RL = 22 kΩ, VTU = 33 V
0.4
0.5
V
IVTUOFF
Tuning amplifier leakage current (off)
OS = 1, VTU = 33 V
10
µA
ICPH
Charge-pump high-level input current
CP = 1
280
µA
ICPL
Charge-pump low-level input current
CP = 0
60
µA
VCP
Charge-pump output voltage
PLL locked
1.95
V
ICPOFF
Charge-pump leakage current
T2 = 0, T1 = 1, VCP = 2 V, TA = 25°C
–15
15
nA
IBS
Band-switch driver output current
10
mA
VBS1
IBS = 10 mA
3
Band-switch driver output voltage
V
VBS2
IBS = 10 mA, VCC = 5 V, TA = 25°C
3.5
3.9
IBSOFF
Band-switch driver leakage current
VBS = 0 V
3
µA
8
Submit Documentation Feedback


Similar Part No. - SN761678BDCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678BDBT TI-SN761678BDBT Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTG4 TI-SN761678BDBTG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTR TI-SN761678BDBTR Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTRG4 TI-SN761678BDBTRG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761678BDCHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com