Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4190IDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4190IDBR
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190IDBR Datasheet(HTML) 1 Page - Texas Instruments

  SRC4190IDBR Datasheet HTML 1Page - Texas Instruments SRC4190IDBR Datasheet HTML 2Page - Texas Instruments SRC4190IDBR Datasheet HTML 3Page - Texas Instruments SRC4190IDBR Datasheet HTML 4Page - Texas Instruments SRC4190IDBR Datasheet HTML 5Page - Texas Instruments SRC4190IDBR Datasheet HTML 6Page - Texas Instruments SRC4190IDBR Datasheet HTML 7Page - Texas Instruments SRC4190IDBR Datasheet HTML 8Page - Texas Instruments SRC4190IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SRC4190(1)
192kHz Stereo Asynchronous
Sample Rate Converters
DESCRIPTION
The SRC4190 is an asynchronous sample rate converter
designed for professional and broadcast audio applications.
The SRC4190 combines a wide input-to-output sampling
ratio with outstanding dynamic range and low distortion.
Input and output serial ports support standard audio formats,
as well as a Time Division Multiplexed (TDM) mode. Flexible
audio interfaces allow the SRC4190 to connect to a wide
range of audio data converters, digital audio receivers and
transmitters, and digital signal processors.
The SRC4190 is a standalone pin-programmed device, with
control pins for mode, data format, mute, bypass, and low
group delay functions.
The SRC4190 may be operated from a single +3.3V power
supply. A separate digital I/O supply (VIO) operates over the
+1.65V to +3.6V supply range, allowing greater flexibility
when interfacing to current and future generation signal
processors and logic devices. The SRC4190 is available in
a SSOP-28 package.
FEATURES
q AUTOMATIC SENSING OF THE INPUT-TO-
OUTPUT SAMPLING RATIO
q WIDE INPUT-TO-OUTPUT SAMPLING RANGE:
16:1 to 1:16
q SUPPORTS INPUT AND OUTPUT SAMPLING
RATES UP TO 212kHz
q DYNAMIC RANGE: 128dB (–60dbFS input,
BW = 20Hz to fS/2, A-Weighted)
q THD+N: –125dB (0dbFS input, BW = 20Hz to
fS/2)
q ATTENUATES SAMPLING AND REFERENCE
CLOCK JITTER
q HIGH PERFORMANCE, LINEAR PHASE
DIGITAL FILTERING
q FLEXIBLE AUDIO SERIAL PORTS:
Master or Slave Mode Operation
Supports I2S, Left Justified, Right Justified, and
TDM Data Formats
Supports 16, 18, 20, or 24-Bit Audio Data
TDM Mode allows daisy chaining of up to eight
devices
q SUPPORTS 24-, 20-, 18-, or 16-BIT INPUT AND
OUTPUT DATA
All output data is dithered from the internal
28-Bit data path
q LOW GROUP DELAY OPTION FOR
INTERPOLATION FILTER
q SOFT MUTE FUNCTION
q BYPASS MODE
q POWER DOWN MODE
q OPERATES FROM A SINGLE +3.3 VOLT
POWER SUPPLY
q SMALL SSOP-28 PACKAGE
q PIN COMPATIBLE WITH THE SRC4192,
AD1895, AND AD1896(2)
APPLICATIONS
q DIGITAL MIXING CONSOLES
q DIGITAL AUDIO WORKSTATIONS
q AUDIO DISTRIBUTION SYSTEMS
q BROADCAST STUDIO EQUIPMENT
q HIGH-END A/V RECEIVERS
q GENERAL DIGITAL AUDIO PROCESSING
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2003-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBFS023B – JUNE 2003 – REVISED SEPTEMBER 2007
All trademarks are the property of their respective owners.
(1) U.S. Patent No. 7,262,716.
(2) Refer to the Applications Information section of this data sheet for details.
SRC4190


Similar Part No. - SRC4190IDBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4190IDBR BURR-BROWN-SRC4190IDBR Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190IDBR BURR-BROWN-SRC4190IDBR Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4190IDBRQ1 TI1-SRC4190IDBRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
More results

Similar Description - SRC4190IDBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com