Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4184IPAGT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4184IPAGT
Description  4-Channel, Asynchronous Sample Rate Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4184IPAGT Datasheet(HTML) 3 Page - Texas Instruments

  SRC4184IPAGT Datasheet HTML 1Page - Texas Instruments SRC4184IPAGT Datasheet HTML 2Page - Texas Instruments SRC4184IPAGT Datasheet HTML 3Page - Texas Instruments SRC4184IPAGT Datasheet HTML 4Page - Texas Instruments SRC4184IPAGT Datasheet HTML 5Page - Texas Instruments SRC4184IPAGT Datasheet HTML 6Page - Texas Instruments SRC4184IPAGT Datasheet HTML 7Page - Texas Instruments SRC4184IPAGT Datasheet HTML 8Page - Texas Instruments SRC4184IPAGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
SRC4184
SBFS026B − JUNE 2004 − REVISED SEPTEMBER 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD33 = +3.3V, VIO = +3.3V, REGEN = High, and VDD18 floating, unless otherwise noted.
SRC4184
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DIGITAL ATTENUATION
Software Mode Only
Minimum
0
dB
Maximum
−127.5
dB
Step Size
0.5
dB
Mute Attenuation
24-Bit Word Length
−128
dB
DIGITAL INTERPOLATION FILTER CHARACTERISTICS
Passband
0.4535
× fsIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535
× fsIN
0.5465
× fsIN
Hz
Stop Band
0.5465
× fsIN
Hz
Stop Band Attenuation
−128
dB
Group Delay (64 sample buffer)
Decimation Filter Enabled
102.53125/fsIN
seconds
Group Delay (64 sample buffer)
Direct Downsampling Enabled
102/fsIN
seconds
Group Delay (32 sample buffer)
Decimation Filter Enabled
70.53125/fsIN
seconds
Group Delay (32 sample buffer)
Direct Downsampling Enabled
70/fsIN
seconds
Group Delay (16 sample buffer)
Decimation Filter Enabled
54.53125/fsIN
seconds
Group Delay (16 sample buffer)
Direct Downsampling Enabled
54/fsIN
seconds
Group Delay (8 sample buffer)
Decimation Filter Enabled
46.53125/fsIN
seconds
Group Delay (8 sample buffer)
Direct Downsampling Enabled
46/fsIN
seconds
DIGITAL DECIMATION FILTER CHARACTERISTICS
Passband
0.4535
× fsOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535
× fsOUT
0.5465
× fsOUT
Hz
Stop Band
0.5465
× fsOUT
Hz
Stop Band Attenuation
−128
dB
Group Delay
Decimation Filter
Decimation Filter Enabled
36.46875/fsOUT
seconds
Direct Downsampling
Direct Downsampling Enabled
0
seconds
DIGITAL DE-EMPHASIS
De-Emphasis Error for fs = 32kHz, 44.1kHz, or
48kHz
De-Emphasis Enabled
0.001
dB
DIGITAL I/O CHARACTERISTICS
High-Level Input Voltage
VIH
0.7
× VIO
VIO
V
Low-Level Input Voltage
VIL
0
0.3
× VIO
V
High-Level Input Current
IIH
0.5
10
µA
Low-Level Input Current
IIL
0.5
10
µA
High-Level Output Voltage
VOH
IO = −4mA
0.8
× VIO
VIO
V
Low-Level Output Voltage
VOL
IO = +4mA
0
0.2
× VIO
V
Input Capacitance
CIN
3
pF
SWITCHING CHARACTERISTICS
Reference Clock Timing
RCKI Frequency(2)(3)
128
× fsMIN
50
MHz
RCKI Period
tRCKIP
20
1/(128
× fsMIN)
ns
RCKI Pulsewidth High
tRCKIH
0.4
× tRCKIP
ns
RCKI Pulsewidth Low
tRCKIL
0.4
× tRCKIP
ns
Reset Timing
RST Pulsewidth Low
tRSTL
500
ns
Delay Following RST Rising Edge
Software Mode Only
500
µs
Input Serial Port Timing
LRCKI to BCKI Setup Time
tLRIS
10
ns
BCKI Pulsewidth High
tSIH
10
ns
BCKI Pulsewidth Low
tSIL
10
ns
SDIN Data Setup Time
tLDIS
10
ns
SDIN Data Hold Time
tLDIH
10
ns
(1) Dynamic performance is measured with an Audio Precision System Two Cascade or Cascade Plus test system.
(2) fsMIN = min (fsIN, fsOUT).
(3) fsMAX = max (fsIN, fsOUT).
(4) Power-supply current for power-down modes is measured without loading.
(5) Dynamic current is measured with active loading and the excercized output pins equal to ±2mA.


Similar Part No. - SRC4184IPAGT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results

Similar Description - SRC4184IPAGT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com