Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS20216 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS570LS20216
Description  16/32-BIT RISC Flash Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS20216 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS20216_15 Datasheet HTML 2Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 3Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 4Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 5Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 6Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 7Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 8Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 9Page - Texas Instruments TMS570LS20216_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141F
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
1
TMS570LS Series 16/32-BIT RISC Flash
5.2
Die-ID Registers
.................................... 59
Microcontroller
.......................................... 1
5.3
PLL Registers
....................................... 60
1.1
Features
.............................................. 1
6
Device Electrical Specifications
.................... 61
1.2
Description
........................................... 2
6.1
Operating Conditions
............................... 61
1.3
Functional Block Diagram
............................ 5
6.2
Absolute Maximum Ratings Over Operating
Free-Air Temperature Range (unless otherwise
2
Device Overview
........................................ 7
noted)
............................................... 61
2.1
Terms and Acronyms
................................ 7
6.3
Device Recommended Operating Conditions
...... 61
2.2
Device Characteristics
............................... 8
6.4
Electrical Characteristics Over Operating Free-Air
2.3
Memory
.............................................. 9
Temperature Range
................................ 62
2.4
Pin Assignments
.................................... 17
7
Peripheral and Electrical Specifications
.......... 66
2.5
Terminal Functions
................................. 22
7.1
Clocks
.............................................. 66
2.6
Device Support
..................................... 35
7.2
ECLK Specification
................................. 70
3
Reset / Abort Sources
................................ 37
7.3
RST And PORRST Timings
........................ 71
3.1
Reset / Abort Sources
.............................. 37
7.4
TEST Pin Timing
................................... 73
4
Peripherals
.............................................. 40
7.5
DAP - JTAG Scan Interface Timing
................ 74
4.1
Error Signaling Module (ESM)
...................... 40
7.6
Output Timings
..................................... 75
4.2
Direct Memory Access (DMA)
...................... 43
7.7
Input Timings
....................................... 76
4.3
High End Timer Transfer Unit (HET-TU)
........... 44
7.8
Flash Timings
....................................... 77
7.9
SPI Master Mode Timing Parameters
.............. 78
4.4
Vectored Interrupt Manager (VIM)
.................. 45
7.10
SPI Slave Mode Timing Parameters
............... 82
4.5
MIBADC Event Trigger Sources
.................... 47
7.11
CAN Controller Mode Timings
...................... 86
4.6
MIBSPI
.............................................. 48
7.12
SCI/LIN Mode Timings
............................. 86
4.7
ETM
................................................. 50
7.13
FlexRay Controller Mode Timings
.................. 86
4.8
Debug Scan Chains
................................ 51
7.14
EMIF Timings
....................................... 87
4.9
CCM
................................................ 52
7.15
ETM Timings
....................................... 89
4.10
LPM
................................................. 53
7.16
RTP Timings
........................................ 91
4.11
Voltage Monitor
..................................... 53
7.17
DMM Timings
....................................... 93
4.12
CRC
................................................ 53
7.18
MibADC
............................................. 94
4.13
System Module Access
............................. 53
8
Revision History
...................................... 100
4.14
Debug ROM
........................................ 54
9
Mechanical Packaging and Orderable
Information
............................................ 101
4.15
CPU Self Test Controller: STC / LBIST
............ 55
9.1
Thermal Data
...................................... 101
5
Device Registers
....................................... 57
9.2
Packaging Information
............................ 101
5.1
Device Identification Code Register
................ 57
6
Contents
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106
Not Recommended For New Designs


Similar Part No. - TMS570LS20216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS20216 TI1-TMS570LS20216_14 Datasheet
1Mb / 107P
[Old version datasheet]   TMS570LS Series 16/32-BIT RISC Flash Microcontroller
More results

Similar Description - TMS570LS20216_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com