Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE370C777AJNT Datasheet(PDF) 5 Page - Texas Instruments

Part # SE370C777AJNT
Description  8-BIT MICROCONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SE370C777AJNT Datasheet(HTML) 5 Page - Texas Instruments

  SE370C777AJNT Datasheet HTML 1Page - Texas Instruments SE370C777AJNT Datasheet HTML 2Page - Texas Instruments SE370C777AJNT Datasheet HTML 3Page - Texas Instruments SE370C777AJNT Datasheet HTML 4Page - Texas Instruments SE370C777AJNT Datasheet HTML 5Page - Texas Instruments SE370C777AJNT Datasheet HTML 6Page - Texas Instruments SE370C777AJNT Datasheet HTML 7Page - Texas Instruments SE370C777AJNT Datasheet HTML 8Page - Texas Instruments SE370C777AJNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
TMS370Cx7x
8-BIT MICROCONTROLLER
SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370Cx7x devices.
Table 1. Memory Configurations
DEVICE
PROGRAM
MEMORY
(BYTES)
DATA MEMORY
(BYTES)
PACKAGES
68-PIN PLCC/CLCC, OR
64 PIN PSDIP/CSDIP
ROM
EPROM
RAM
EEPROM
64-PIN PSDIP/CSDIP
TMS370C077A
24K
512
256
FN – PLCC / NM – PSDIP
TMS370C777A
24K
512
256
FN – PLCC / NM – PSDIP
SE370C777A†
24K
512
256
FZ – CLCC / JN – CSDIP
† System evaluators and development tools are for use only in a prototype environment, and their reliability has not been characterized.
The suffix letter A appended to the device names shown in the device column of Table 1 indicates the
configuration of the device. ROM and EPROM devices have a different configuration as indicated in Table 2.
ROM devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE‡
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide by 4 (Standard oscillator)
Enabled
Standard
Divide-by-4 (Standard oscillator)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
Simple
‡ Refer to the “device numbering conventions” section for device nomenclature and the “device part numbers” section for ordering.
The 24K bytes of mask-programmable ROM in the associated TMS370C077 device are replaced with
24K bytes of EPROM in the TMS370C777 while all other available memory and on-chip peripherals are
identical. A one-time-programmable device (OTP) (TMS370C777) and a reprogrammable device
(SE370C777) are available.
The TMS370C777 OTP device is available in a plastic package. This microcontroller is effective for use as an
immediate production update for the TMS370C077 ROM device or for low-volume production runs when the
mask charge or cycle time for the low-cost mask-ROM device is not practical.
The SE370C777 has a windowed ceramic package that allows reprogramming of the program EPROM memory
during the development / prototyping design phase. The SE370C777 device allows quick updates to
breadboards and prototype systems while iterating initial designs.
The TMS370Cx7x family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all CPU activity (that is, no instructions are executed). In
the STANDBY mode, the internal oscillator and the general-purpose timer remain active. In the HALT mode,
all device activity is stopped. The device retains all RAM data and peripheral configuration bits throughout both
low-power modes.
The TMS370Cx7x features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370Cx7x family is fully
instruction-set-compatible, allowing easy transition between members of the TMS370 8-bit microcontroller
family.


Similar Part No. - SE370C777AJNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C777A TI-SE370C777A Datasheet
874Kb / 59P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C777AYYZ TI-SE370C777AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - SE370C777AJNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com