Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE370C6C2AFZT Datasheet(PDF) 11 Page - Texas Instruments

Part # SE370C6C2AFZT
Description  8-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SE370C6C2AFZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SE370C6C2AFZT Datasheet HTML 7Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 8Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 9Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 10Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 11Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 12Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 13Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 14Page - Texas Instruments SE370C6C2AFZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
interrupts (continued)
TIMER 1
CPU
NMI
Logic
Enable
IE1
IE2
Level 1 INT
Level 2 INT
T1 PRI
Priority
Overflow
Compare 1
Ext Edge
Compare 2
Input Capture 1
Watchdog
ADC2 INT
A / D PRI
A/D
STATUS REG
EXT INT 1
INT1 PRI
INT1
SCI2 INT
RX
BRKDT
RXRDY
TX
TXRDY
TXPRI
RXPRI
Figure 4. Interrupt Control
Each system interrupt is configured independently to either the high- or low-priority chain by the application
program during system initialization. Within each interrupt chain, the interrupt priority is fixed by the position of
the system interrupt. However, since each system interrupt is selectively configured on either the high- or
low-priority interrupt chain, the application program can elevate any system interrupt to the highest priority.
Arbitration between the two priority levels is performed within the CPU. Arbitration within each of the priority
chains is performed within the peripheral modules to support interrupt expansion for future modules.
Pending-interrupts are serviced upon completion of current instruction execution, depending on their interrupt
mask and priority conditions.
The TMS370CxCx has five hardware system interrupts (plus RESET) as shown in Table 7. Each system
interrupt has a dedicated vector located in program memory through which control is passed to the interrupt
service routines. A system interrupt may have multiple interrupt sources (for example, SCI RXINT has two
interrupt sources). All of the interrupt sources are individually maskable by local interrupt-enable control bits in
the associated peripheral file. Each interrupt source FLAG bit is readable individually for software polling or for
determining which interrupt source generated the associated system interrupt.
Four of the system interrupts are generated by on-chip peripheral functions, and one external interrupt is
supported. Software configuration of the external interrupts is performed through the INT1 control register in
peripheral file frame 1. Each external interrupt is individually software configurable for input polarity (rising or
falling edge) for ease of system interface. External interrupt INT1 is software configurable as either a maskable
or non-maskable interrupt. When INT1 is configured as non-maskable, it cannot be masked by the individual-


Similar Part No. - SE370C6C2AFZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SE370C6C2A TI-SE370C6C2A Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
SE370C6C2AYYZ TI-SE370C6C2AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - SE370C6C2AFZT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com