Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR105NP-101MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR105NP-101MB
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105NP-101MB Datasheet(HTML) 1 Page - Sumida Corporation

  CDR105NP-101MB Datasheet HTML 1Page - Sumida Corporation CDR105NP-101MB Datasheet HTML 2Page - Sumida Corporation CDR105NP-101MB Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
・10.4×9.6mm Max.(L×W), 5.5mm Max. Height
・Inductance range: 10~470μH.
・Rated current range: 0.37~2.53A.
・In addition to the standards versions shown here,
custom inductors are also available to meet your exact requirements.
Feature
・Magnetically shielded construction.
・Storage temperature range: -40℃~+100 .
・Operating temperature range: -40℃~+100 (Including coil’s self temperature rise).
・Ideally used in Notebook PC ,LCD TV ,Game machine ,HDD,DSC/DVC, etc as DC-DC converter
inductors.
・RoHS compliance and Halogen free.
Dimensions (mm)
Land Pattern (mm)
9.2±0.4
5.0±0.5
7.0
7.5
Part of electrode
R 1.0
Part of sick


Similar Part No. - CDR105NP-101MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105NP-101MB SUMIDA-CDR105NP-101MB Datasheet
227Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR105NP-101MB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com