Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5LS20206ASPGEQQ1R Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # S5LS20206ASPGEQQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S5LS20206ASPGEQQ1R Datasheet(HTML) 8 Page - Texas Instruments

Back Button S5LS20206ASPGEQQ1R Datasheet HTML 4Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 5Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 6Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 7Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 8Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 9Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 10Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 11Page - Texas Instruments S5LS20206ASPGEQQ1R Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141F
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-1. Terms and Acronyms (continued)
Terms and Acronyms
Description
Comments
VMON
Voltage Monitor
2.2
Device Characteristics
The table below shows the different configurations options offered in the TMS570LS series of devices:
Table 2-2. Characteristics of the TMS570LS Series Devices
Feature
TMS570LS20216
TMS570LS20206
TMS570LS10216
TMS570LS10206
TMS570LS10116
TMS570LS10106
Package
337
144 QFP
337
144 QFP
337
144 QFP
337
144 QFP
337
144 QFP
337
144 QFP
BGA
BGA
BGA
BGA
BGA
BGA
Type
(ZWT)
(PGE)
(ZWT)
(PGE)
(ZWT)
(PGE)
(ZWT)
(PGE)
(ZWT)
(PGE)
(ZWT)
(PGE)
Speed
160MHz
140MHz
160MHz
140MHz
160MHz
140MHz
160MHz
140MHz
160MHz
140MHz
160MHz
140MHz
Flash
2MB
2MB
2MB
2MB
1MB
1MB
1MB
1MB
1MB
1MB
1MB
1MB
Size
RAM Size
160KB
160KB
160KB
160KB
160KB
160KB
160KB
160KB
128KB
128KB
128KB
128KB
FlexRay
2ch
2ch
-
-
2ch
2ch
-
-
2ch
2ch
-
-
CAN
3
2
3
2
3
2
3
2
3
2
3
2
MibSPI
3
3
3
3
3
3
3
3
3
3
3
3
UART /
2
2
2
2
2
2
2
2
2
2
2
2
LIN
NHET
32
25
32
25
32
25
32
25
32
25
32
25
Channels
12-Bit
24
20
24
20
24
20
24
20
24
20
24
20
ADC
Channels
EMIF
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
GIO
16
8
16
8
16
8
16
8
16
8
16
8
ETM
32-bit
-
32-bit
-
32-bit
-
32-bit
-
32-bit
-
32-bit
-
RTP
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
DMM
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
16-bit
-
8
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106
Not Recommended For New Designs


Similar Part No. - S5LS20206ASPGEQQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S5LS20206ASPGEQQ1R TI-S5LS20206ASPGEQQ1R Datasheet
1Mb / 101P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results

Similar Description - S5LS20206ASPGEQQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com