Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV801DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LPV801DBVT
Description  Nanopower Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV801DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV801DBVT Datasheet HTML 6Page - Texas Instruments LPV801DBVT Datasheet HTML 7Page - Texas Instruments LPV801DBVT Datasheet HTML 8Page - Texas Instruments LPV801DBVT Datasheet HTML 9Page - Texas Instruments LPV801DBVT Datasheet HTML 10Page - Texas Instruments LPV801DBVT Datasheet HTML 11Page - Texas Instruments LPV801DBVT Datasheet HTML 12Page - Texas Instruments LPV801DBVT Datasheet HTML 13Page - Texas Instruments LPV801DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
500 us/div
C002
V+
V-
Input
Output
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C001
GAIN
PHASE
500 us/div
C002
500 us/div
C002
V+
V-
Input
Output
500 us/div
C002
500 us/div
C002
10
LPV801, LPV802
SNOSCZ3 – AUGUST 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5V, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
TA = 25
RL= 10MΩ
Vout = 200mVpp
VS= ±2.5V
CL= 20pF
AV = +1
Figure 25. Small Signal Pulse Response, 5V
TA = 25
RL= 10MΩ
Vout = 1Vpp
VS= ±0.9V
CL= 20pF
AV = +1
Figure 26. Large Signal Pulse Response, 1.8V
TA = 25
RL= 10MΩ
Vout = 2Vpp
VS= ±2.5V
CL= 20pF
AV = +1
Figure 27. Large Signal Pulse Response, 5V
TA = 25
RL= 10MΩ
Vout = ±0.9Vpp
VS= ±0.9V
CL= 20pF
AV = +1
Figure 28. Rail to Rail Input Response, 1.8V
TA = 25
RL= 10MΩ
Vout = ±2.5Vpp
VS= ±2.5V
CL= 20pF
AV = +1
Figure 29. Rail to Rail Input Response, 5V
TA = -40, 25, 125°C
RL= 10MΩ
VOUT = 200mVPP
VS= 5V
CL= 20pF
VCM = Vs/2
Figure 30. Open Loop Gain and Phase, 5V, 10 MΩ Load


Similar Part No. - LPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
1Mb / 27P
[Old version datasheet]   TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
More results

Similar Description - LPV801DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
   63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Texas Instruments
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com