Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM63P-J Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM63P-J
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM63P-J Datasheet(HTML) 4 Page - Texas Instruments

  PCM63P-J Datasheet HTML 1Page - Texas Instruments PCM63P-J Datasheet HTML 2Page - Texas Instruments PCM63P-J Datasheet HTML 3Page - Texas Instruments PCM63P-J Datasheet HTML 4Page - Texas Instruments PCM63P-J Datasheet HTML 5Page - Texas Instruments PCM63P-J Datasheet HTML 6Page - Texas Instruments PCM63P-J Datasheet HTML 7Page - Texas Instruments PCM63P-J Datasheet HTML 8Page - Texas Instruments PCM63P-J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
PCM63P
–90dB SIGNAL
(10Hz to 20kHz Bandwidth)
200
100
0
–100
–200
0
400
800
1200
1600
2000
Time (µs)
–110dB SIGNAL
(10Hz to 20kHz Bandwidth)
40
20
0
–20
–40
0
400
800
1200
1600
2000
Time (µs)
–90dB SIGNAL SPECTRUM
(100Hz Bandwidth)
–80
–100
–120
–140
–160
0
4k
8k
12k
16k
20k
Frequency (Hz)
TYPICAL PERFORMANCE CURVES
All specifications at 25
°C and ±V
A and ±VD = ±5.0V, unless otherwise noted.
FPO
FPO
FPO
16-BIT LEVEL LINEARITY
(Dithered Fade to Noise)
8
6
4
2
0
–2
–4
–6
–8
–120
Output Signal Level (dB)
–110
–100
–90
–80
–70
–60
16-BIT MONOTONICITY
8.83ms/div
1.5
1
0.5
0
–0.5
–1
–1.5
THD+N vs FREQUENCY
–40
–60
–100
–120
–80
20
100
1k
10k
Output Frequency (Hz)
–60dB
–40dB
–20dB
0dB


Similar Part No. - PCM63P-J

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM63P-J BURR-BROWN-PCM63P-J Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM63P-J TI-PCM63P-J Datasheet
194Kb / 11P
[Old version datasheet]   Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM63P-J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com