Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1793DBG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793DBG4
Description  AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1793DBG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1793DBG4 Datasheet HTML 1Page - Texas Instruments PCM1793DBG4 Datasheet HTML 2Page - Texas Instruments PCM1793DBG4 Datasheet HTML 3Page - Texas Instruments PCM1793DBG4 Datasheet HTML 4Page - Texas Instruments PCM1793DBG4 Datasheet HTML 5Page - Texas Instruments PCM1793DBG4 Datasheet HTML 6Page - Texas Instruments PCM1793DBG4 Datasheet HTML 7Page - Texas Instruments PCM1793DBG4 Datasheet HTML 8Page - Texas Instruments PCM1793DBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
24BIT, 192kHz SAMPLING, ADVANCED SEGMENT,
AUDIO STEREO DIGITALTOANALOG CONVERTER
FEATURES
D 24-Bit Resolution
D Analog Performance:
− Dynamic Range: 113 dB
− THD+N: 0.001%
− Full-Scale Output: 2.1 V rms (at
Postamplifier)
D Differential Voltage Output: 3.2 V p-p
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: –82 dB
− Pass-Band Ripple:
±0.002 dB
D Sampling Frequency: 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
D Accepts 16-, 20-, and 24-Bit Audio Data
D Data Formats: Standard, I2S, and
Left-Justified
D Digital De-Emphasis
D Soft Mute
D Zero Flags for Each Output
D Dual Supply Operation:
− 5-V Analog, 3.3-V Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package, Lead-Free
Product
APPLICATIONS
D A/V Receivers
D DVD Players
D Musical Instruments
D HDTV Receivers
D Car Audio Systems
D Digital Multitrack Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The PCM1793 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The PCM1793 provides balanced
voltage outputs, allowing the user to optimize analog
performance externally. Sampling rates up to 200 kHz are
supported.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - PCM1793DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1793DB TI-PCM1793DB Datasheet
234Kb / 25P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1793DBR TI-PCM1793DBR Datasheet
234Kb / 25P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - PCM1793DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com