Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1800E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1800E
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1800E Datasheet(HTML) 2 Page - Texas Instruments

  PCM1800E Datasheet HTML 1Page - Texas Instruments PCM1800E Datasheet HTML 2Page - Texas Instruments PCM1800E Datasheet HTML 3Page - Texas Instruments PCM1800E Datasheet HTML 4Page - Texas Instruments PCM1800E Datasheet HTML 5Page - Texas Instruments PCM1800E Datasheet HTML 6Page - Texas Instruments PCM1800E Datasheet HTML 7Page - Texas Instruments PCM1800E Datasheet HTML 8Page - Texas Instruments PCM1800E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ELECTRICAL CHARACTERISTICS
PCM1800
SBAS071B – OCTOBER 2000 – REVISED AUGUST 2008 ............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
All specifications at TA = 25°C, VDD = VCC = 5 V, slave mode, fS = 44.1 kHz, 20-bit input data, and SYSCLK = 384 fS, unless
otherwise noted
PCM1800E
PARAMETER
TEST CONDITIONS
UNITS
MIN
TYP
MAX
RESOLUTION
20
Bits
DIGITAL INPUT/OUTPUT
VIH
(1)
2
Input logic level
VDC
VIL
(1)
0.8
IIN
(2)
±1
Input logic current
µA
IIN
(3)
100
VOH
(4)
IOH = –1.6 mA
4.5
Output logic level
VDC
VOL
(4)
IOL = 3.2 mA
0.5
fS
Sampling frequency
4
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±2.5
% of FSR
Gain error
±2
±5
% of FSR
Gain drift
±20
ppm of FSR/°C
Bipolar zero error
High-pass filter bypassed
±2
% of FSR
Bipolar zero drift
High-pass filter bypassed
±20
ppm of FSR/°C
DYNAMIC PERFORMANCE(5)
THD+N at FS (–0.5 dB)
–88
–80
dB
THD+N at –60 dB
–92
dB
Dynamic range
A-weighted
90
95
dB
Signal-to-noise ratio
A-weighted
90
95
dB
Channel separation
88
93
dB
DYNAMIC PERFORMANCE(5)
Dynamic range
16-bit, A-weighted
94
dB
Signal-to-noise ratio
16-bit, A-weighted
94
dB
Channel separation
16-bit
92
dB
ANALOG INPUT
Input range
FS (VIN = 0 dB)
2.828
Vp-p
Center voltage
2.1
VDC
Input impedance
30
k
Antialiasing filter frequency response
CEXT = 470 pF, –3 dB
170
kHz
DIGITAL FILTER PERFORMANCE
(1)
Pins 6, 7, 8, 9, 10, 11, 16 and 12, 13, 14: RSTB, BYPAS, FMT0, FMT1, MODE0, MODE1, SYSCLK, and FSYNC, LRCK, BCK in slave
mode
(2)
Pins 16 and 12, 13, 14: SYSCLK and FSYNC, LRCK, BCK in slave mode (Schmitt-trigger input)
(3)
Pins 6, 7, 8, 9, 10, 11: RSTB, BYPAS, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, with 100-k
Ω typical pulldown resistor)
(4)
Pins 15 and 12, 13, 14: DOUT and FSYNC, LRCK, BCK in master mode
(5)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™, rms mode with 20-kHz LPF and 400-Hz HPF in
the performance calculation.
2
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1800


Similar Part No. - PCM1800E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800E BURR-BROWN-PCM1800E Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1800E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com