Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1800EG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1800EG4
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1800EG4 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1800EG4 Datasheet HTML 1Page - Texas Instruments PCM1800EG4 Datasheet HTML 2Page - Texas Instruments PCM1800EG4 Datasheet HTML 3Page - Texas Instruments PCM1800EG4 Datasheet HTML 4Page - Texas Instruments PCM1800EG4 Datasheet HTML 5Page - Texas Instruments PCM1800EG4 Datasheet HTML 6Page - Texas Instruments PCM1800EG4 Datasheet HTML 7Page - Texas Instruments PCM1800EG4 Datasheet HTML 8Page - Texas Instruments PCM1800EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VINL
VREF1
REFCOM
VREF2
VINR
RSTB
BYPAS
FMT0
FMT1
MODE0
MODE1
FSYNC
AGND
VCC
CINPL
CINNL
CINPR
CINNR
VDD
DGND
SYSCLK
DOUT
BCK
LRCK
PCM1800
(TOP VIEW)
P0004-01
PCM1800
SBAS071B – OCTOBER 2000 – REVISED AUGUST 2008 ............................................................................................................................................... www.ti.com
PIN ASSIGNMENTS
NAME
PIN
I/O
DESCRIPTION
AGND
24
Analog ground
BCK
14
I/O
Bit clock input/output
BYPAS
7
I
High-pass filter bypass control(1)
CINNL
21
Antialias filter capacitor (–), Lch
CINNR
19
Antialias filter capacitor (–), Rch
CINPL
22
Antialias filter capacitor (+), Lch
CINPR
20
Antialias filter capacitor (+), Rch
DGND
17
Digital ground
DOUT
15
O
Audio data output
FMT0
8
I
Audio data format 0(1)
FMT1
9
I
Audio data format 1(1)
FSYNC
12
I/O
Frame synchronization, input/output
LRCK
13
I/O
Sampling clock input/output (fS)
MODE0
10
I
Master/slave mode selection 0(1)
MODE1
11
I
Master/slave mode selection 1(1)
REFCOM
3
Reference decoupling common
SYSCLK
16
I
System clock input, 256 fS, 384 fS, or 512 fS
RSTB
6
I
Reset input, active LOW(1)
VCC
23
Analog power supply
VDD
18
Digital power supply
VINL
1
I
Analog input, Lch
VINR
5
I
Analog input, Rch
VREF1
2
Reference 1 decoupling capacitor
VREF2
4
Reference 2 decoupling capacitor
(1)
With 100-k
Ω typical pulldown resistor
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
QUANTITY
TYPE
CODE
MARKING
NUMBER
MEDIA
PCM1800E
Rails
58
PCM1800E
24-pin SSOP
DB
PCM1800E
PCM1800E/2K
Tape and reel
2000
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1800


Similar Part No. - PCM1800EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800E BURR-BROWN-PCM1800E Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1800EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com