Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804DBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1804DBRG4
Description  STEREO A/D CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1804DBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1804DBRG4 Datasheet HTML 2Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 3Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 4Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 5Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 6Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 7Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 8Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 9Page - Texas Instruments PCM1804DBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz, system clock = 256 fS,
24-bit data, unless otherwise noted.
PCM1804DB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
24
Bits
DATA FORMAT
Audio data interface format
Standard, I2S, left-justified
Audio data bit length
24
Bits
MSB first,
Audio data format
2s complement, DSD
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
(1) (2)
2
5.5
VIH
High-level input voltage
Vdc
(3)
2
VDD
VIL
Low-level input voltage
(1) (2) (3)
0.8
Vdc
VIN = VDD
(1)
65
100
IIH
High-level input current
VIN = VDD
(2)
±10
μA
VIN = VDD
(3)
±100
VIN = 0 V
(1) (2)
±10
IIL
Low-level input current
μA
VIN = 0 V
(3)
±50
VOH
High-level output voltage
IOH = –1 mA
(4)
2.4
Vdc
VOL
Low-level output voltage
IOL = 1 mA
(4)
0.4
Vdc
CLOCK FREQUENCY
fS
Sampling frequency
32
192
kHz
256 fS, single rate
(5)
12.288
384 fS, single rate
(5)
18.432
512 fS, single rate
(5)
24.576
768 fS, single rate
(5)
36.864
System clock frequency
MHz
256 fS, dual rate
(6)
24.576
384 fS, dual rate
(6)
36.864
128 fS, quad rate
(7)
24.576
192 fS, quad rate
(7)
36.864
DC ACCURACY
Gain mismatch, channel-
±3
% of FSR
to-channel
Gain error (VIN = –0.5 dB)
±4
% of FSR
Bipolar zero error
HPF bypass
±0.2
% of FSR
(1)
Pins 6–11, 19: FMT0, FMT1, S/M, OSR0, OSR1, OSR2, RST [Schmitt-trigger input with internal pulldown (51 k
μ typically), 5-V tolerant]
(2)
Pin 18: SCKI (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 12, 16–17: BYPAS, BCK/DSDL, LRCK/DSDBCK (in slave mode, Schmitt-trigger input)
(4)
Pins 15–17, 20, and 21: DATA/DSDR, BCK/DSDL, LRCK/DSDBCK (in master mode), OVFR, OVFL
(5)
Single rate, fS = 48 kHz
(6)
Dual rate, fS = 96 kHz
(7)
Quad rate, fS = 192 kHz
6
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804


Similar Part No. - PCM1804DBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804DBR BURR-BROWN-PCM1804DBR Datasheet
470Kb / 31P
   FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1804DBRG4

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com