Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1850PJTR Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1850PJTR
Description  6  2-CHANNEL MUX AND PGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1850PJTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1850PJTR Datasheet HTML 6Page - Texas Instruments PCM1850PJTR Datasheet HTML 7Page - Texas Instruments PCM1850PJTR Datasheet HTML 8Page - Texas Instruments PCM1850PJTR Datasheet HTML 9Page - Texas Instruments PCM1850PJTR Datasheet HTML 10Page - Texas Instruments PCM1850PJTR Datasheet HTML 11Page - Texas Instruments PCM1850PJTR Datasheet HTML 12Page - Texas Instruments PCM1850PJTR Datasheet HTML 13Page - Texas Instruments PCM1850PJTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
10
TYPICAL PERFORMANCE CURVES AT PGA GAIN = –5.5 dB
Figure 9
TA – Free-Air Temperature – °C
TOTAL HARMONIC DISTORTION + NOISE
vs
FREE-AIR TEMPERATURE
0.001
0.002
0.003
0.004
−40
−15
10
35
60
85
Figure 10
97
98
99
100
101
102
103
104
105
106
107
−40
−15
10
35
60
85
TA – Free-Air Temperature – °C
DYNAMIC RANGE and SNR
vs
FREE-AIR TEMPERATURE
SNR
Dynamic Range
Figure 11
0.001
0.002
0.003
0.004
4.5
4.7
4.9
5.1
5.3
5.5
VCC – Supply Voltage – V
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
Figure 12
97
98
99
100
101
102
103
104
105
106
107
4.5
4.7
4.9
5.1
5.3
5.5
VCC – Supply Voltage – V
DYNAMIC RANGE and SNR
vs
SUPPLY VOLTAGE
SNR
Dynamic Range
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted


Similar Part No. - PCM1850PJTR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1850PJTR BURR-BROWN-PCM1850PJTR Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com