Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2900B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900B
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2900B Datasheet HTML 2Page - Texas Instruments PCM2900B Datasheet HTML 3Page - Texas Instruments PCM2900B Datasheet HTML 4Page - Texas Instruments PCM2900B Datasheet HTML 5Page - Texas Instruments PCM2900B Datasheet HTML 6Page - Texas Instruments PCM2900B Datasheet HTML 7Page - Texas Instruments PCM2900B Datasheet HTML 8Page - Texas Instruments PCM2900B Datasheet HTML 9Page - Texas Instruments PCM2900B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PCM2900B PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D–
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V
L
IN
V
R
IN
V
COM
SSPND
TEST0
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
TEST1
V
DDI
AGNDP
V
R
OUT
PCM2900B
PCM2900B
PCM2902B
SLES229 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
DB PACKAGE
SSOP-28
(TOP VIEW)
Table 1. PCM2900B TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGNDC
11
Analog ground for codec
AGNDP
18
Analog ground for PLL
AGNDX
22
Analog ground for oscillator
D–
2
I/O
USB differential input/output minus(1)
D+
1
I/O
USB differential input/output plus(1)
DGND
26
Digital ground
DGNDU
4
Digital ground for USB transceiver
HID0
5
I
HID key state input (mute), active-high(2)
HID1
6
I
HID key state input (volume up), active-high(2)
HID2
7
I
HID key state input (volume down), active-high(2)
SEL0
8
I
Must be set to high(3)
SEL1
9
I
Must be set to high(3)
SSPND
28
O
Suspend flag, active-low (Low: suspend, High: operational)
TEST0
24
I
Test pin, must be connected to GND
TEST1
25
O
Test pin, must be left open
VBUS
3
Connect to USB power (VBUS)
VCCCI
10
Internal analog power supply for codec(4)
VCCP1I
17
Internal analog power supply for PLL(4)
VCCP2I
19
Internal analog power supply for PLL(4)
VCCXI
23
Internal analog power supply for oscillator(4)
VCOM
14
Common for ADC/DAC (VCCCI/2)
(4)
VDDI
27
Internal digital power supply(4)
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input (5)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level.
(2)
3.3-V CMOS-level input with internal pulldown. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no connection with the internal DAC or ADC directly. See the Interface #3 and End-Points sections.
(3)
TTL Schmitt trigger, 5-V tolerant.
(4)
Connect a decoupling capacitor to GND.
(5)
3.3-V CMOS-level input.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs


Similar Part No. - PCM2900B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900BDB TI1-PCM2900BDB Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900BDBR TI1-PCM2900BDBR Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results

Similar Description - PCM2900B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
   4-channel analog input; 짹10 VDC; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com