Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2704DBG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM2704DBG4
Description  SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704DBG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2704DBG4 Datasheet HTML 3Page - Texas Instruments PCM2704DBG4 Datasheet HTML 4Page - Texas Instruments PCM2704DBG4 Datasheet HTML 5Page - Texas Instruments PCM2704DBG4 Datasheet HTML 6Page - Texas Instruments PCM2704DBG4 Datasheet HTML 7Page - Texas Instruments PCM2704DBG4 Datasheet HTML 8Page - Texas Instruments PCM2704DBG4 Datasheet HTML 9Page - Texas Instruments PCM2704DBG4 Datasheet HTML 10Page - Texas Instruments PCM2704DBG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PCM2704
,, PCM2705
PCM2706, PCM2707
www.ti.com....................................................................................................................................................... SLES081F – JUNE 2003 – REVISED JANUARY 2009
Terminal Functions (PCM2706PJT/PCM2707PJT)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGNDL
26
Analog ground for headphone amplifier of L-channel
AGNDR
31
Analog ground for headphone amplifier of R-channel
CK
14
O
Clock output for external ROM (PCM2706). Must be left open (PCM2707).
D+
23
I/O
USB differential input/output plus (1)
D–
22
I/O
USB differential input/output minus (1)
DGND
20
Digital ground
DOUT
17
O
S/PDIF output/I2S™ data output
DT
15
I/O
Data input/output for external ROM (PCM2706). Must be left open with pullup resistor (PCM2707). (1)
FSEL
9
I
Function select (LOW: I2S DATA output, HIGH: S/PDIF output) (1)
FUNC0
5
I/O
HID key state input (next track), active HIGH (FSEL = 1). I2S LR clock output (FSEL = 0). (2)
FUNC1
19
I/O
HID key state input (previous track), active HIGH (FSEL = 1). I2S bit clock output (FSEL = 0). (2)
FUNC2
18
I/O
HID key state input (stop), active HIGH (FSEL = 1). I2S system clock output (FSEL = 0). (2)
FUNC3
4
I
HID key state input (play/pause), active HIGH (FSEL = 1). I2S data input (FSEL = 0). (2)
HID0/MS
6
I
HID key state input (mute), active HIGH (PCM2706). MS input (PCM2707) (2)
HID1/MC
7
I
HID key state input (volume up), active HIGH (PCM2706). MC input (PCM2707) (2)
HID2/MD
8
I
HID key state input (volume down), active HIGH (PCM2706). MD input (PCM2707) (2)
HOST
3
I
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
operation. (LOW: 100 mA, HIGH: 500 mA). (3)
PGND
1
Analog ground for DAC, OSC, and PLL
PSEL
16
I
Power source select (LOW: self-power, HIGH: bus-power) (1)
SSPND
11
O
Suspend flag, active LOW (LOW: suspend, HIGH: operational)
TEST
10
I
Test pin. Must be set HIGH (1)
VBUS
24
Connect to USB power (VBUS) for bus-powered operation. Connect to VDD for self-powered operation.
VCCL
27
Analog power supply for headphone amplifier of L-channel (4)
VCCP
2
Analog power supply for DAC, OSC, and PLL (4)
VCCR
30
Analog power supply for headphone amplifier of R-channel (4)
VCOM
32
Common voltage for DAC (VCCP/2). Connect decoupling capacitor to PGND.
VDD
21
Digital power supply (4)
VOUTL
28
O
DAC analog output for L-channel
VOUTR
29
O
DAC analog output for R-channel
XTI
12
I
Crystal oscillator input (1)
XTO
13
O
Crystal oscillator output
ZGND
25
Ground for internal regulator
(1)
LV-TTL level
(2)
LV-TTL level with internal pulldown
(3)
LV-TTL level, 5-V tolerant
(4)
Connect decoupling capacitor to GND. Supply 3.3 V for self-powered applications.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707
PCM2704 and PCM2705
Not Recommended For New Designs


Similar Part No. - PCM2704DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704DB TI-PCM2704DB Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2704DBR TI-PCM2704DBR Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
More results

Similar Description - PCM2704DBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com