Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3006 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM3006
Description  Single-Ended Analog Input/Output Stereo Audio Codec
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3006 Datasheet(HTML) 2 Page - Texas Instruments

  PCM3006 Datasheet HTML 1Page - Texas Instruments PCM3006 Datasheet HTML 2Page - Texas Instruments PCM3006 Datasheet HTML 3Page - Texas Instruments PCM3006 Datasheet HTML 4Page - Texas Instruments PCM3006 Datasheet HTML 5Page - Texas Instruments PCM3006 Datasheet HTML 6Page - Texas Instruments PCM3006 Datasheet HTML 7Page - Texas Instruments PCM3006 Datasheet HTML 8Page - Texas Instruments PCM3006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3006
SBAS089A – OCTOBER 2000 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
All specifications at T
A = 25°C, VDD = VCC = 3 V, fS = 44.1 kHz, SYSCLK = 384 fS, and 16-bit data, unless otherwise noted
PCM3006T
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
Input Logic
VIH(1)
0.7 VDD
Input logic level
VDC
VIL(1)
0.3 VDD
IIN(2)
±1
Input logic current
µA
IIN(3)
100
Output Logic
VOH(4)
IOUT = –1 mA
VDD – 0.3
VDC
Output logic level
VOL(4)
IOUT = 1 mA
0.3
CLOCK FREQUENCY
fs
Sampling frequency
4
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
ADC CHARACTERISTICS
Resolution
16
Bits
DC Accuracy
Gain mismatch, channel-to-channel
±1
±3
% of FSR
Gain error
±2
±5
% of FSR
Gain drift
±20
ppm of FSR/
°C
Dynamic Performance(5)
VIN = –0.5 dB
–84
–77
THD+N
dB
VIN= –60 dB
–26
Dynamic range
A-weighted
84
89
dB
Signal-to-noise ratio
A-weighted
84
89
dB
Channel separation
82
86
dB
Digital Filter Performance
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
s
(1)
Pins 7, 8, 9, 10, 11, 15, 17, 18: PDAD, PDDA, SYSCLK, LRCIN, BCKIN, DIN, DEM1, DEM0 (Schmitt-trigger input with 100-k
Ω typical
internal pulldown resistor)
(2)
Pins 9, 10, 11, 15: SYSCLK, LRCIN, BCKIN, DIN (Schmitt-trigger input)
(3)
Pins 7, 8, 17, 18: PDAD, PDDA, DEM1, DEM0 (Schmitt-trigger input, 100-k
Ω typical internal pulldown resistor)
(4)
Pin 12: DOUT
(5)
fIN = 1 kHz, using System Two™ audio measurement system by Audio Precision™, rms mode with 20-kHz LPF, 400-Hz HPF used for
performance calculation.
2


Similar Part No. - PCM3006

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
PCM3006T BURR-BROWN-PCM3006T Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
More results

Similar Description - PCM3006

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com