Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256N80FAIV20 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL256N80FAIV20
Description  MirrorBit Flash Family
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N80FAIV20 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL256N80FAIV20 Datasheet HTML 6Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 7Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 8Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 9Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 10Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 11Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 12Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 13Page - SPANSION S29GL256N80FAIV20 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
10
S29GLxxxN MirrorBitTM Flash Family
27631A4 May 13, 2004
Adva nce
Inform at i o n
PIN DESCRIPTION
A24–A0
=
25 Address inputs (512 Mb)
A23–A0
=
24 Address inputs (256 Mb)
A22–A0
=
23 Address inputs (128 Mb)
DQ14–DQ0
=
15 Data inputs/outputs
DQ15/A-1
=
DQ15 (Data input/output, word mode), A-1 (LSB
Address input, byte mode)
CE#
=
Chip Enable input
OE#
=
Output Enable input
WE#
=
Write Enable input
WP#/ACC
=
Hardware Write Protect input;
Acceleration input
RESET#
=
Hardware Reset Pin input
BYTE#
=
Selects 8-bit or 16-bit mode
RY/BY#
=
Ready/Busy output
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed options and
voltage supply tolerances)
VIO
=
Output Buffer power
VSS
=
Device Ground
NC
=
Pin Not Connected Internally


Similar Part No. - S29GL256N80FAIV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL256N CYPRESS-S29GL256N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL256N10FAI010 SPANSION-S29GL256N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI012 SPANSION-S29GL256N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI013 SPANSION-S29GL256N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL256N10FAI020 SPANSION-S29GL256N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL256N80FAIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com