Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3793RHB Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM3793RHB
Description  Low-Power Stereo Audio CODEC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3793RHB Datasheet(HTML) 2 Page - Texas Instruments

  PCM3793RHB Datasheet HTML 1Page - Texas Instruments PCM3793RHB Datasheet HTML 2Page - Texas Instruments PCM3793RHB Datasheet HTML 3Page - Texas Instruments PCM3793RHB Datasheet HTML 4Page - Texas Instruments PCM3793RHB Datasheet HTML 5Page - Texas Instruments PCM3793RHB Datasheet HTML 6Page - Texas Instruments PCM3793RHB Datasheet HTML 7Page - Texas Instruments PCM3793RHB Datasheet HTML 8Page - Texas Instruments PCM3793RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM3793
PCM3794
SLES193C – AUGUST 2006 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
OPERATION
PACKAGE
PACKAGE
ORDERING
PRODUCT
PACKAGE
TEMPERATURE
TRANSPORT MEDIA
CODE
MARKING
NUMBER(1)
RANGE
PCM3793RHBT
Small tape and reel
PCM3793RHB
32 QFN
RHB
–40
°C to 85°C
PCM3793
PCM3793RHBR
Large tape and reel
PCM3794RHBT
Small tape and reel
PCM3794RHB
32 QFN
RHB
–40
°C to 85°C
PCM3794
PCM3794RHBR
Large tape and reel
(1)
For the most current specification and package information, see the TI Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
PCM3793/94
UNIT
Supply voltage
VDD, VIO, VCC, VPA
–0.3 to 4
V
Ground voltage differences: DGND, AGND, PGND
±0.1
V
Input voltage
–0.3 to 4
V
Input current (any pins except supplies and SPK out)
±10
mA
Ambient temperature under bias
–40 to 110
°C
Storage temperature
–55 to 150
°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (reflow, peak)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC, VPA
Analog supply voltage
2.4
3.3
3.6
V
VDD , VIO
Digital supply voltage
1.71
3.3
3.6
V
Digital input logic family
CMOS
SCKI system clock
3.072
18.432
MHz
Digital input clock frequency
LRCK sampling clock
8
48
kHz
LOL and LOR
10
k
Analog output load resistance
HPOL and HPOR
16
SPOLP, SPOLN, SPORP and SPORN
8
Analog output load capacitance
30
pF
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback
PCM3793 is Not Recommended for New Designs


Similar Part No. - PCM3793RHB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793RHB BURR-BROWN-PCM3793RHB Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBR BURR-BROWN-PCM3793RHBR Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBRG4 BURR-BROWN-PCM3793RHBRG4 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBT BURR-BROWN-PCM3793RHBT Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
More results

Similar Description - PCM3793RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com