Electronic Components Datasheet Search |
|
PCM3794ARHBR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
PCM3794ARHBR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 70 page www.ti.com PCM3793A PCM3794A SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007 ELECTRICAL CHARACTERISTICS (continued) All specifications at T A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless otherwise noted). PCM3793ARHB, PCM3794ARHB PARAMETER TEST CONDITIONS UNIT MIN TYP MAX Power Supply and Supply Current VIO 1.71 3.3 3.6 VDD 1.71 3.3 3.6 Voltage range VDC VCC 2.4 3.3 3.6 VPA 2.4 3.3 3.6 BPZ input, all active, no load 24.3 35 mA Supply current All inputs are held static 1 10 µA BPZ input 80.2 115.5 mW Power dissipation All inputs are held static 3.3 33 µW Temperature Condition Operation temperature –40 85 °C θ JA Thermal resistance 30 °C/W 6 Submit Documentation Feedback |
Similar Part No. - PCM3794ARHBR |
|
Similar Description - PCM3794ARHBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |