Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4204PAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4204PAPR
Description  Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR Datasheet(HTML) 5 Page - Texas Instruments

  PCM4204PAPR Datasheet HTML 1Page - Texas Instruments PCM4204PAPR Datasheet HTML 2Page - Texas Instruments PCM4204PAPR Datasheet HTML 3Page - Texas Instruments PCM4204PAPR Datasheet HTML 4Page - Texas Instruments PCM4204PAPR Datasheet HTML 5Page - Texas Instruments PCM4204PAPR Datasheet HTML 6Page - Texas Instruments PCM4204PAPR Datasheet HTML 7Page - Texas Instruments PCM4204PAPR Datasheet HTML 8Page - Texas Instruments PCM4204PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, all characteristics specified with TA = +25°C, VCC = +5V, VDD = +3.3V, system clock (SCKI) is 512fS for Single Rate
Sampling, 256fS for Dual Rate Sampling, or 128fS for Quad Rate Sampling. The device is operated in Master mode for all dynamic performance
measurements.
PCM4204
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
DIGITAL DECIMATION FILTER (continued)
Quad Rate Sampling Mode
Passband Edge
−0.005dB
0.375fS
Hz
−3dB
0.490fS
Hz
Passband Ripple
±0.005
dB
Stop Band Edge
0.770fS
Hz
Stop Band Attenuation
−135
dB
Group Delay
9.5/fS
sec
DIGITAL HIGH PASS FILTER
Frequency Response (−3dB)
fS/48000
Hz
POWER SUPPLY
Voltage Range
VCC1, VCC2
+4.75
+5.0
+5.25
VDC
VDD1, VDD2, VDD3
+3.0
+3.3
+3.6
VDC
Power Down Supply Current
VCC = +5V, VDD = +3.3V, RST = Low
ICC1 + ICC2
10
mA
IDD1 + IDD2 + IDD3
2
mA
Quiescent Current
ICC1 + ICC2
VCC = +5.0V
fS = 48kHz(4)
108
130
mA
fS = 96kHz
108
130
mA
fS = 192kHz
108
130
mA
IDD1 + IDD2 + IDD3
VDD = +3.3V
fS = 48kHz(4)
18
23
mA
fS = 96kHz
30
44
mA
fS = 192kHz
23
26
mA
Total Power Dissipation
VCC = +5V, VDD = +3.3V
fS = 48kHz(4)
600
726
mW
fS = 96kHz
640
795
mW
fS = 192kHz
615
736
mW
(1) Applies to the FMT0, FMT1, FMT2, S/M, FS0, FS1, FS2, HPFD, BCK, LRCK, SUB, DSDCLK, DSD1, DSD2, DSD3, DSD4, and SCKI pins.
(2) Applies to the TEST and RST pins.
(3) Typical performance is measured using an Audio Precision System Two Cascade or Cascade Plus test system. The measurement bandwidth
is limited using the Audio Precision 22Hz high-pass filter in combination with either a 20kHz low-pass filter for fS = 48kHz or a 40kHz low-pass
filter for fS = 96kHz and 192kHz. All A-weighted measurements are performed using the A-weighting filter in combination with the band limiting
filters already mentioned. The measurements are made with the RMS detector selected.
(4) A 256fS system clock is used at final production test for fS = 48kHz measurements.
(5) Typical DSD performance is measured using an Audio Precision System Two Cascade or Cascade Plus test system. The measurement
bandwidth is limited using the Audio Precision 22Hz high-pass filter in combination with a 20kHz low-pass filter. All A-weighted measurements
are performed using the A-weighting filter in combination with the band limiting filter already mentioned. The measurements are made with the
RMS detector selected. The 1-bit DSD data is converted to 24-bit linear PCM data for measurement using a PCM4204 configured for DSD input
mode.


Similar Part No. - PCM4204PAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4204PAPR BURR-BROWN-PCM4204PAPR Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com