Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA205BU Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PGA205BU
Description  INSTRUMENTATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA205BU Datasheet(HTML) 5 Page - Texas Instruments

  PGA205BU Datasheet HTML 1Page - Texas Instruments PGA205BU Datasheet HTML 2Page - Texas Instruments PGA205BU Datasheet HTML 3Page - Texas Instruments PGA205BU Datasheet HTML 4Page - Texas Instruments PGA205BU Datasheet HTML 5Page - Texas Instruments PGA205BU Datasheet HTML 6Page - Texas Instruments PGA205BU Datasheet HTML 7Page - Texas Instruments PGA205BU Datasheet HTML 8Page - Texas Instruments PGA205BU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
®
PGA204/205
DICE INFORMATION
PAD
FUNCTION
1VO1
2—
3—
4V–IN
5V+IN
6VOS Adj
7VOS Adj
8V–
FPO
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
186 x 130
±5
4.72 x 3.30
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.1 x 0.1
Backing
Gold
Substrate Bias: Internally connected to V– power supply.
PGA204/205 DIE TOPOGRAPHY
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC: No Internal Connection.
V
O1
NC
NC
V
IN
V
+
IN
V
OS Adjust
V
OS Adjust
V–
A
1
A
0
Dig. Ground
V+
Feedback
V
O
Ref
V
O2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
PAD
FUNCTION
9VO2
10
Ref
11
VO
12
Feedback
13
V+
14
Dig. Ground
15
A0
16
A1


Similar Part No. - PGA205BU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA205BU BURR-BROWN-PGA205BU Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA205BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com